Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DF15005S
Description  1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DF15005S Datasheet(HTML) 2 Page - Diodes Incorporated

  DF15005S Datasheet HTML 1Page - Diodes Incorporated DF15005S Datasheet HTML 2Page - Diodes Incorporated DF15005S Datasheet HTML 3Page - Diodes Incorporated DF15005S Datasheet HTML 4Page - Diodes Incorporated DF15005S Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DF15005S
– DF1510S
Document number: DS17002 Rev. 11 - 2
2 of 5
www.diodes.com
November 2016
© Diodes Incorporated
DF15005S
– DF1510S
Maximum Ratings and Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
DF
15005S
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
580
700
V
Average Forward Rectified Current
@ TA = +40C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Forward Voltage (Per Element)
@ IF = 1.5A
VFM
1.1
V
Peak Reverse Current at Rated
@ TA = +25C
DC Blocking Voltage (Per Element)
@ TA = +125C
IRM
10
500
µA
I
2t Rating for Fusing (t<8.3ms)
I
2t
10.4
A
2s
Typical Total Capacitance per Element (Note 5)
CT
25
pF
Typical Thermal Resistance, Junction to Ambient
(Note 6)
RJA
40
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
5. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
6. Thermal resistance, junction to ambient, measured on PC board with 5.0mm
2 (0.03mm thick) land areas.
1.0
0.5
0
40
60
80
100
120
140
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
A
1.5
2.0
0.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics (per element)
F
(C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com