Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MB10F
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MB10F Datasheet(HTML) 4 Page - Diodes Incorporated

  MB10F Datasheet HTML 1Page - Diodes Incorporated MB10F Datasheet HTML 2Page - Diodes Incorporated MB10F Datasheet HTML 3Page - Diodes Incorporated MB10F Datasheet HTML 4Page - Diodes Incorporated MB10F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MB10F
Document number: DS39046 Rev. 3 - 2
4 of 5
www.diodes.com
March 2017
© Diodes Incorporated
MB10F
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
MBF
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
MBF
b
L
E1
A2
E
e
D
c
A1
X
Y
X1
Y1
C
MBF
Dim
Min
Max
Typ
A1
--
0.20
--
A2
1.20
1.60
--
b
0.50
0.80
--
c
0.15
0.35
--
D
4.50
4.95
--
E
6.40
7.00
--
E1
3.60
4.10
--
e
2.30
2.70
--
L
0.70
1.10
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
2.50
X
1.050
X1
3.55
Y
1.875
Y1
7.20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com