Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MB10F
Description  0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MB10F Datasheet(HTML) 3 Page - Diodes Incorporated

  MB10F Datasheet HTML 1Page - Diodes Incorporated MB10F Datasheet HTML 2Page - Diodes Incorporated MB10F Datasheet HTML 3Page - Diodes Incorporated MB10F Datasheet HTML 4Page - Diodes Incorporated MB10F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB10F
Document number: DS39046 Rev. 3 - 2
3 of 5
www.diodes.com
March 2017
© Diodes Incorporated
MB10F
Figure 5. Maximum Peak Forward Surge Current (Per Leg)
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 2. Typical Forward Characterstics (Per Element)
-55
℃
25
℃
85
℃
100
℃
125
℃
150
℃
0.0001
0.001
0.01
0.1
1
10
100
1000
100
300
500
700
900
1100
V
R, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Characterstics (Per Element)
-55
℃
25
℃
85
℃
100
℃
125
℃
150
℃
1
10
100
0
20
40
60
80
100
V
R, REVERSE VOLTAGE (V)
Figure 4. Typical Total Capacitance
f = 1MHz
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
1.5
2
I
F(AV), AVERAGE FORWARD CURRENT (A)
Figure 6. Forward Power Dissipation
T
J = 150℃
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
175
T
A, AMBIENT TEMPERATURE (℃)
Figure 1. DC Forward Current Derating
Note 6
Note 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com