Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDMB600W12 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PDMB600W12
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PDMB600W12 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PDMB600W12 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PDMB600W12 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PDMB600W12 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PDMB600W12 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Module
Dimension:
mm
at TC=25
unless otherwise specified
Item
Symbol
Condition
Rated Value
Unit
Colle c tor - Emitter Vo lta ge
VCES
G-E Short
G ate - Em itte r Vol ta ge
VGES
C-E Short
±
C oll ect o r
Cu r r en t
IC
DC
Tc=85
ICP
Pulse
1ms
Collec tor Power Diss ipation
PC
Tj=175
Tj=150
Repetitive peak reverse voltage
VRRM
Fo rwa rd
C u rrent
IF
IFM
Pulse
1ms
Max i m um Junct i on T em p er at ur e
jMAX
Instantaneous Overload
Ju ncti o n
T em p e r atur e
Rang e
S t orag e
T emp er a t ur e
R ang e
Tstg
Iso l a tio n
Vo l ta ge
ISO
Terminal to Base AC,1minute
(RMS)
Mo u nt i ng
T or q ue
Module Base to Heatsink
Ftor
Busbar to Main Terminal


Similar Part No. - PDMB600W12

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB600B12 NIEC-PDMB600B12 Datasheet
157Kb / 3P
IGBT MODULE Dual 600A 1200V
PDMB600B12 NIEC-PDMB600B12 Datasheet
187Kb / 3P
600A 1200V
PDMB600B12 NIEC-PDMB600B12_1 Datasheet
187Kb / 3P
600A 1200V
logo
National Instruments Co...
PDMB600B12 NI-PDMB600B12_15 Datasheet
187Kb / 3P
IGBT
logo
Nihon Inter Electronics...
PDMB600BS12 NIEC-PDMB600BS12 Datasheet
283Kb / 4P
IGBT Module-Dual
More results

Similar Description - PDMB600W12

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com