Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6014 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6014
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology LT6014 Datasheet HTML 10Page - Linear Technology LT6014 Datasheet HTML 11Page - Linear Technology LT6014 Datasheet HTML 12Page - Linear Technology LT6014 Datasheet HTML 13Page - Linear Technology LT6014 Datasheet HTML 14Page - Linear Technology LT6014 Datasheet HTML 15Page - Linear Technology LT6014 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT6013/LT6014
13
60134fa
APPLICATIO S I FOR ATIO
Preserving Input Precision
Preserving the input accuracy of the LT6013 and LT6014
requires that the applications circuit and PC board layout
do not introduce errors comparable to or greater than the
10
µVtypicaloffsetoftheamplifiers.Temperaturedifferen-
tials across the input connections can generate thermo-
couple voltages of 10’s of microvolts so the connections
to the input leads should be short, close together and away
from heat dissipating components. Air currents across the
board can also generate temperature differentials.
The extremely low input bias currents allow high accuracy
to be maintained with high impedance sources and feed-
back resistors. The LT6013 and LT6014 low input bias cur-
rents are obtained by a cancellation circuit on-chip. This
causes the resulting IB+ and IB– to be uncorrelated, as
implied by the IOS specification being comparable to IB. Do
not try to balance the input resistances in each input lead;
instead keep the resistance at either input as low as pos-
sible for maximum accuracy.
Leakage currents on the PC board can be higher than the
input bias current. For example, 10G
Ωofleakagebetween
a 15V supply lead and an input lead will generate 1.5nA!
Surround the input leads with a guard ring driven to the
same potential as the input common mode to avoid exces-
sive leakage in high impedance applications.
Input Protection
The LT6013/LT6014 features on-chip back-to-back diodes
between the input devices, along with 500
Ω resistors in
series with either input. This internal protection limits the
input current to approximately 10mA (the maximum al-
lowed) for a 10V differential input voltage. Use additional
external series resistors to limit the input current to 10mA
in applications where differential inputs of more than 10V
are expected. For example, a 1k resistor in series with each
input provides protection against 30V differential voltage.
Input Common Mode Range
The LT6013/LT6014 output is able to swing close to each
power supply rail (rail-to-rail out), but the input stage is
limited to operating between V–+ 1V and V+– 1.2V. Exceed-
ing this common mode range will cause the gain to drop
to zero; however, no phase reversal will occur.
Total Input Noise
The LT6013 and LT6014 amplifiers contribute negligible
noise to the system when driven by sensors (sources) with
impedance between 10k
Ω and 1MΩ. Throughout this
range, total input noise is dominated by the 4kTRS noise
of the source. If the source impedance is less than 10k
Ω,
the input voltage noise of the amplifier starts to contribute
with a minimum noise of 9.5nV/
√Hzforverylowsourceim-
pedance. If the source impedance is more than 1M
Ω, the
input current noise of the amplifier, multiplied by this high
impedance, starts to contribute and eventually dominate.
Total input noise spectral density can be calculated as:
v
e
kTR
i R
n TOTAL
n
S
n S
()
()
=+
+
2
2
4
where en = 9.5nV/√Hz , in = 0.15pA/√Hz and RS is the total
impedance at the input, including the source impedance.
Capacitive Loads
The LT6013 and LT6014 can drive capacitive loads up to
500pF at a gain of 5. The capacitive load driving capability
increases as the amplifier is used in higher gain configu-
rations. A small series resistance between the output and
the load further increases the amount of capacitance that
the amplifier can drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com