Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6014 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6014
Description  Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6014 Datasheet(HTML) 2 Page - Linear Technology

  LT6014 Datasheet HTML 1Page - Linear Technology LT6014 Datasheet HTML 2Page - Linear Technology LT6014 Datasheet HTML 3Page - Linear Technology LT6014 Datasheet HTML 4Page - Linear Technology LT6014 Datasheet HTML 5Page - Linear Technology LT6014 Datasheet HTML 6Page - Linear Technology LT6014 Datasheet HTML 7Page - Linear Technology LT6014 Datasheet HTML 8Page - Linear Technology LT6014 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6013/LT6014
2
60134fa
Total Supply Voltage (V+ to V–) .............................. 40V
Differential Input Voltage (Note 2) .......................... 10V
Input Voltage .................................................... V+ to V–
Input Current (Note 2) .......................................
±10mA
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range (Note 5) ... – 40
°C to 85°C
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
LT6013CDD
LT6013IDD
LT6013ACDD
LT6013AIDD
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
*NC
–IN
+IN
V–
*NC
V+
OUT
NC
–
+
ORDER PART
NUMBER
S8 PART MARKING
LT6013CS8
LT6013IS8
LT6013ACS8
LT6013AIS8
6013
6013I
6013A
6013AI
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
*NC
V+
OUT
NC
*NC
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
–
+
Maximum Junction Temperature
DD Package ..................................................... 125
°C
S8 Package ...................................................... 150
°C
Storage Temperature Range
DD Package ..................................... – 65
°C to 125°C
S8 Package ...................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LBHC
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
LT6014CDD
LT6014IDD
LT6014ACDD
LT6014AIDD
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
ORDER PART
NUMBER
S8 PART MARKING
LT6014CS8
LT6014IS8
LT6014ACS8
LT6014AIS8
6014
6014I
6014A
6014AI
TJMAX = 150°C, θJA = 190°C/W
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
S8 PACKAGE
8-LEAD PLASTIC SO
B
A
LBCB
*Temperature and electrical grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*No Connection
*No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com