Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE80QL03N Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # PE80QL03N
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PE80QL03N Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  PE80QL03N Datasheet HTML 1Page - Kyocera Kinseki Corpotation PE80QL03N Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■回路図 CIRCUIT
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
30
V
くり返しピークサージ電圧
*1*2
Repetitive Peak Surge Reverse Voltage
VRRSM
35
V
PC80QL03N/PE80QL03N
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=99℃
Half Sine Wave
80
A
実効順電流
*1
RMS Forward Current
IF
(RMS)
125
A
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
ジョイントコンパウンド塗布
Greased
1.2∼1.6
N・m
1.2∼1.6
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=25℃,VRM=VRRM
160
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj=25℃,IFM=80A
0.46
V
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.46
℃/W
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間(トータル),ジョイントコンパウンド塗布
Case to Fin, Total, Greased
0.12
℃/W
質量…約65g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
*2:Pulse Width≦1μs,Duty≦1/50
☆導電性のグリースのご使用を推奨します。
We recommend the use of the electrical conductive grease.
☆並列使用の場合、各アームの電流のバランスに配慮してください。
In case of parallel use, consider in balance of the current of each arms.
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1600
A
■電気的特性 Electrical Characteristics
M4
M4
SBD
80A Avg 30 Volts
PC80QL03N
PE80QL03N
3
1
BASE
3
2
1
BASE
PC
PE
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)
φ
φ
PE
PC


Similar Part No. - PE80QL03N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE80QL03N NIEC-PE80QL03N Datasheet
52Kb / 2P
SBD MODULE 80A/30V
logo
Kyocera Kinseki Corpota...
PE80QL03N KSS-PE80QL03N Datasheet
250Kb / 2P
Schottky Barrier Diode
More results

Similar Description - PE80QL03N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com