Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6210CS6 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6210CS6
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6210CS6 Datasheet(HTML) 1 Page - Linear Technology

  LT6210CS6 Datasheet HTML 1Page - Linear Technology LT6210CS6 Datasheet HTML 2Page - Linear Technology LT6210CS6 Datasheet HTML 3Page - Linear Technology LT6210CS6 Datasheet HTML 4Page - Linear Technology LT6210CS6 Datasheet HTML 5Page - Linear Technology LT6210CS6 Datasheet HTML 6Page - Linear Technology LT6210CS6 Datasheet HTML 7Page - Linear Technology LT6210CS6 Datasheet HTML 8Page - Linear Technology LT6210CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT6210/LT6211
62101f
DESCRIPTIO
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
Single/Dual Programmable
Supply Current, R-R Output,
Current Feedback Amplifiers
s
Programmable Supply Current and Bandwidth:
10MHz at 300
µA per Amplifier up to
200MHz at 6mA per Amplifier
s
Rail-to-Rail Output:
0.05V to 2.85V on 3V Single Supply
s
High Slew Rate: 700V/
µs
s
High Output Drive:
±75mA Minimum Output Current
s
C-Load
TM Op Amp Drives All Capacitive Loads
s
Low Distortion:
–70dB HD2 at 1MHz 2VP-P
–75dB HD3 at 1MHz 2VP-P
s
Fast Settling:
20ns 0.1% Settling for 2V Step
s
Excellent Video Performance Into 150
Ω Load:
Differential Gain of 0.20%, Differential Phase of 0.10
°
s
Wide Supply Range:
3V to 12V Single Supply
±1.5V to ±6V Dual Supplies
s
Small Size:
Low Profile (1mm) 6-Lead SOT-23 (ThinSOT
TM),
3mm x 3mm x 0.8mm DFN and 10-Lead MSOP
Packages
, LTC and LT are registered trademarks of Linear Technology Corporation.
Line Driver Configuration for Various Supply Currents
Small Signal Response vs Supply Current
C-Load and ThinSOT are trademarks of Linear Technology Corporation.
The LT
®6210/LT6211 are single/dual current feedback
amplifiers with externally programmable supply current
and bandwidth ranging from 10MHz at 300
µA per ampli-
fier to 200MHz at 6mA per amplifier. They feature a low
distortion rail-to-rail output stage, 700V/
µs slew rate and
a minimum output current drive of 75mA.
The LT6210/LT6211 operate on supplies as low as a single
3V and up to either 12V or
±6V. The ISET pin allows for the
optimization of quiescent current for specific bandwidth,
distortion or slew rate requirements. Regardless of supply
voltage, the supply current is programmable from just
300
µA to 6mA per amplifier with an external resistor or
current source.
The LT6210 is available in the low profile (1mm) 6-lead
SOT-23 package. The LT6211 is available in the 10-lead
MSOP and the 3mm x 3mm x 0.8mm DFN packages.
s
Buffers
s
Video Amplifers
s
Cable Drivers
s
Mobile Communication
s
Low Power/Battery Applications
–
+
LT6210
RSET
75
Ω
75
Ω
CABLE
RF
RG
75
Ω
6210 TA01
VOUT
5V
–5V
6
3
VIN
4
1
5
2
RF
887
Ω
1.1k
11k
RLOAD
150
Ω
150
Ω
1k
IS
6mA
3mA
300
µA
RSET
20k
56k
1M
RG
887
Ω
1.1k
11k
FREQUENCY (MHz)
9
6
3
0
–3
–6
3
0
–3
–6
–9
–12
0.1
10
100
1000
6210 TA01b
1
VS = ±5V
AV = 2
TA = 25°C
VOUT = 100mVP-P
IS = 300µA
IS = 3mA
IS = 6mA


Similar Part No. - LT6210CS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6210 LINER-LT6210 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
More results

Similar Description - LT6210CS6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC450 NSC-CLC450 Datasheet
203Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
CLC452 NSC-CLC452 Datasheet
191Kb / 12P
Single Supply, Low-Power, High Output, Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112 Datasheet
167Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
logo
Linear Technology
LT1815 LINER-LT1815 Datasheet
366Kb / 20P
Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6211 LINER-LT6211_15 Datasheet
351Kb / 18P
Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT1815 LINER-LT1815_15 Datasheet
548Kb / 20P
Single/Dual/Quad 220MHz, 1500V/s Operational Amplifiers with Programmable Supply Current
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com