Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6210CS6 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6210CS6
Description  Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6210CS6 Datasheet(HTML) 4 Page - Linear Technology

  LT6210CS6 Datasheet HTML 1Page - Linear Technology LT6210CS6 Datasheet HTML 2Page - Linear Technology LT6210CS6 Datasheet HTML 3Page - Linear Technology LT6210CS6 Datasheet HTML 4Page - Linear Technology LT6210CS6 Datasheet HTML 5Page - Linear Technology LT6210CS6 Datasheet HTML 6Page - Linear Technology LT6210CS6 Datasheet HTML 7Page - Linear Technology LT6210CS6 Datasheet HTML 8Page - Linear Technology LT6210CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT6210/LT6211
62101f
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IOUT
Maximum Output Current
RL = 0Ω
q
±75
±45
mA
(Notes 7, 11)
ROL
Transimpedance,
∆VOUT/∆IIN–VOUT = V+ – 1.2V to V– + 1.2V
65
115
65
115
k
Ω
SR
Slew Rate
(Note 8)
500
700
200
V/
µs
tpd
Propagation Delay
50% VIN to 50% VOUT,
1.5
2.4
ns
100mVP-P, Larger of tpd+, tpd–
BW
–3dB Bandwidth
<1dB Peaking, AV = 1
200
120
MHz
ts
Settling Time
To 0.1% of VFINAL, VSTEP = 2V
20
25
ns
tf, tr
Small-Signal Rise and Fall Time 10% to 90%, VOUT = 100mVP-P
2
3.5
ns
dG
Differential Gain
(Note 9)
0.20
0.35
%
dP
Differential Phase
(Note 9)
0.10
0.20
Deg
HD2
2nd Harmonic Distortion
f = 1MHz, VOUT = 2VP-P
–70
–65
dBc
HD3
3rd Harmonic Distortion
f = 1MHz, VOUT = 2VP-P
–75
–75
dBc
(IS = 6mA per Amplifier) The q denotes specifications which apply
over the specified operating temperature range, otherwise specifications are at TA = 25°C. For V+ = 5V, V– = – 5V: RSET = 20k to
ground, AV = +2, RF = RG = 887Ω, RL = 150Ω; For V+ = 3V, V– = 0V: RSET = 0Ω to V–, AV = +2, RF = 887Ω, RG = 887Ω to 1.5V,
RL = 150Ω to 1.5V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
V+ = 5V, V– = –5V, IS = 6mA
V+ = 3V, V– = 0V, IS = 6mA
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
–1
±5.5
–1.5
±5.5
mV
q
±8.5
±8.5
mV
IIN+
Noninverting Input Current
–1.5
±5
–1.5
±5
µA
q
±7
±7
µA
IIN–
Inverting Input Current
–12
±36
–3
±15
µA
q
±52
±20
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1.1k,
7
7
nV/
√Hz
RG = 57.6Ω, RS = 0Ω
+in
Input Noise Current Density
f = 1kHz
1.5
1.5
pA/
√Hz
–in
Input Noise Current Density
f = 1kHz
15
15
pA/
√Hz
RIN+
Noninverting Input Resistance
VIN = V
+ – 1.2V to V– + 1.2V
q
0.5
3
1
2.5
M
Ω
CIN+
Noninverting Input Capacitance f = 100kHz
2
2
pF
VINH
Input Voltage Range, High
(Note 10)
q
3.8
4.1
1.8
2.1
V
VINL
Input Voltage Range, Low
(Note 10)
q
–4.1
–3.8
0.9
1.2
V
VOUTH
Output Voltage Swing, High
RL = 1k (Note 11)
4.8
2.9
V
RL = 150Ω (Note 11)
4.3
4.6
2.6
2.8
V
RL = 150Ω (Note 11)
q
4.1
2.55
V
VOUTL
Output Voltage Swing, Low
RL = 1k (Note 11)
–4.95
0.05
V
RL = 150Ω (Note 11)
–4.8
–4.55
0.1
0.3
V
RL = 150Ω (Note 11)
q
–4.4
0.35
V
CMRR
Common Mode Rejection Ratio VIN = V+ – 1.2V to V– + 1.2V
46
50
46
dB
q
43
dB
–ICMRR
Inverting Input Current
VIN = V+ – 1.2V to V– + 1.2V
0.3
±1.5
0.4
µA/V
Common Mode Rejection
q
±2
µA/V
(IS = 3mA per Amplifier) The q denotes specifications which apply over the specified operating temperature range,
otherwise specifications are at TA = 25°C. For V+ = 5V, V– = – 5V: RSET = 56k to ground, AV = +2, RF = RG = 1.1k, RL = 150Ω;
For V+ = 3V, V– = 0V: RSET = 10k to V
–, AV = +2, RF = 1.27k, RG = 1.27k to 1.5V, RL = 150Ω to 1.5V unless otherwise specified.
V+ = 5V, V– = –5V, IS = 3mA
V+ = 3V, V– = 0V, IS = 3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com