Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95YMX6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41ST95YMX6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95YMX6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41ST95YMX6F Datasheet HTML 14Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 15Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 16Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 17Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 18Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 19Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 20Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 21Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
M41ST95Y*, M41ST95W
18/35
To disable the alarm, write '0' to the Alarm Date
Register and to RPT1-5. The IRQ/FT/OUT output
is cleared by a READ to the Flags Register as
shown in Figure 14. A subsequent READ of the
Flags Register is necessary to see that the value
of the Alarm Flag has been reset to '0.'
The IRQ/FT/OUT pin can also be activated in the
battery back-up mode. The IRQ/FT/OUT will go
low if an alarm occurs and both ABE (Alarm in Bat-
tery Back-up Mode Enable) and AFE are set.
The ABE and AFE Bits are reset during power-up,
therefore an alarm generated during power-up will
only set AF. The user can read the Flag Register
at system boot-up to determine if an alarm was
generated while the M41ST95Y/W was in the de-
select mode during power-up. Figure 15., page 19
illustrates the back-up mode alarm timing.
Figure 14. Alarm Interrupt Reset Waveform
Table 5. Alarm Repeat Mode
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1
1111
Once per Second
1
1110
Once per Minute
1
1100
Once per Hour
1
1000
Once per Day
1
0000
Once per Month
0
0000
Once per Year
AI03664
IRQ/FT/OUT
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com