Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST95YMX6F Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41ST95YMX6F
Description  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95YMX6F Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41ST95YMX6F Datasheet HTML 18Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 19Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 20Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 21Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 22Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 23Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 24Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 25Page - STMicroelectronics M41ST95YMX6F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
M41ST95Y*, M41ST95W
22/35
Power-fail INPUT/OUTPUT
The Power-Fail Input (PFI) is compared to an in-
ternal reference voltage (1.25V). If PFI is less than
the power-fail threshold (VPFI), the Power-Fail
Output (PFO) will go low. This function is intended
for use as an under-voltage detector to signal a
failing power supply. Typically PFI is connected
through an external voltage divider (see Figure 17)
to either the unregulated DC input (if it is available)
or the regulated output of the VCC regulator. The
voltage divider can be set up such that the voltage
at PFI falls below VPFI several milliseconds before
the regulated VCC input to the M41ST95Y/W or the
microprocessor drops below the minimum operat-
ing voltage.
During battery back-up, the power-fail comparator
turns off and PFO goes (or remains) low. This oc-
curs after VCC drops below VPFD(min). When pow-
er returns, PFO is forced high, irrespective of VPFI
for the write protect time (tREC), which is the time
from VPFD(max) until the inputs are recognized. At
the end of this time, the power-fail comparator is
enabled and PFO follows PFI. If the comparator is
unused, PFI should be connected to VSS and PFO
left unconnected.
Figure 17. Power-Fail Comparator Hookup
Note: 1. Available only in 28-pin, 300mil SOIC (MX) package.
AI06373
VCC
VOUT
VCC
PFO
SDI
SCL
M41ST95Y/W
WDI
RSTIN2
RSTIN1
PFI
VSS
VBAT
IRQ/FT/OUT
SQW
RST
SDO
Unregulated
Voltage
Regulator
VCC
VIN
E
EX
ECON
Pushbutton
Reset
To RST
To LED Display
To NMI
To INT
F32k
(1)
R1
R2
VCC
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com