Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTDL-RX16P01B Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTDL-RX16P01B
Description  High speed transmission 竊?6 Mbps , NRZ code 竊
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTDL-RX16P01B Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTDL-RX16P01B Datasheet HTML 1Page - Lite-On Technology Corporation LTDL-RX16P01B Datasheet HTML 2Page - Lite-On Technology Corporation LTDL-RX16P01B Datasheet HTML 3Page - Lite-On Technology Corporation LTDL-RX16P01B Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite-On Only
Rise and Fall Times and Pulse Width Distortion
Input Signal
Output Signal
VOH
VOL
tr
t PLH
t PHL
tf
90%
50%
10%
50%
Pulse Width Distortion=
tw = t
-t
PHL
PLH
Jitter
50%
50%
Input Signal
Output Signal
t j
t j
Part No. : LTDL-RX16P01B DATA SHEET
Page :
4
of
4
BNS-OD-C131/A4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com