Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTDL-RX16P01B Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTDL-RX16P01B
Description  High speed transmission 竊?6 Mbps , NRZ code 竊
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTDL-RX16P01B Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTDL-RX16P01B Datasheet HTML 1Page - Lite-On Technology Corporation LTDL-RX16P01B Datasheet HTML 2Page - Lite-On Technology Corporation LTDL-RX16P01B Datasheet HTML 3Page - Lite-On Technology Corporation LTDL-RX16P01B Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite-On Only
FEATURES
* High speed transmission (16 Mbps , NRZ code )
* TTL compatible
* Same package as fiber optic transmiting module LTDL-TX12P01B
APPLICATIONS
* Digital audio system
* CD & DVD players
PACKAGE DIMENSIONS
NOTES:
1. All dimensions are in millimeters.
2. Tolerance is ±0.3 mm unless otherwise noted.
Part No. : LTDL-RX16P01B DATA SHEET
Page :
1
of
4
BNS-OD-C131/A4


Similar Part No. - LTDL-RX16P01B

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTDL-RX16P04 LITEON-LTDL-RX16P04 Datasheet
104Kb / 4P
High speed transmission (16 Mbps , NRZ code)
More results

Similar Description - LTDL-RX16P01B

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTDL-RX16P04 LITEON-LTDL-RX16P04 Datasheet
104Kb / 4P
High speed transmission (16 Mbps , NRZ code)
logo
National Instruments Co...
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
logo
Lite-On Technology Corp...
LTDL-RX16S01B LITEON-LTDL-RX16S01B Datasheet
232Kb / 5P
High speed transmission 竊?6 Mbps , NRZ code 竊
LTDL-TX12S01B LITEON-LTDL-TX12S01B Datasheet
316Kb / 7P
High speed transmission 竊?3.2 Mbps , NRZ code 竊
LTDL-TX12S05 LITEON-LTDL-TX12S05 Datasheet
209Kb / 6P
High speed transmission 竊?3.2 Mbps , NRZ code 竊
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com