Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5805MPWPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805MPWPR
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 26Page - Texas Instruments TAS5805MPWPR Datasheet HTML 27Page - Texas Instruments TAS5805MPWPR Datasheet HTML 28Page - Texas Instruments TAS5805MPWPR Datasheet HTML 29Page - Texas Instruments TAS5805MPWPR Datasheet HTML 30Page - Texas Instruments TAS5805MPWPR Datasheet HTML 31Page - Texas Instruments TAS5805MPWPR Datasheet HTML 32Page - Texas Instruments TAS5805MPWPR Datasheet HTML 33Page - Texas Instruments TAS5805MPWPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 86 page
background image
Acknowledge
Acknowledge
Acknowledge
Acknowledge
Acknowledge
Start
Condition
I
2C Device Address
and R/W Bit
Subaddress
First Data Byte
Other Data Byte
Last Data Byte
Stop
Condition
ACK
D0
D0 ACK D7
D0
ACK
D7
D7
ACK
A1
A7
R/W ACK
A1
A6
A5
A0
A6
A5
A4
A3
A0
Acknowledge
Acknowledge
Acknowledge
Start
Condition
I
2C Device Address
and R/W Bit
Subaddress
Data Byte
Stop
Condition
ACK
A1
A0 ACK
A3
A2
A4
A5
A1
A3
A2
A6
A5
A4
A0 R/W ACK A7
A6
D7
D6
D5
D4
D3
D2
D1
D0
30
TAS5805M
SLASEH5A – MAY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.5 Programming and Control
9.5.1
I2 C Serial Communication Bus
The device has a bidirectional serial control interface that is compatible with the Inter IC ( I2)C bus protocol and
supports 100 and 400-kHz data transfer rates for random and sequential write and read operations as a slave
device. Because the TAS5805M register map and DSP memory spans multi pages, the user should change from
page to page before writing individual register or DSP memory. Changing from page to page is accomplished via
register 0 on each page. This register value selects the page address, from 0 to 255.
9.5.2 Slave Address
The TAS5805M device has 7 bits for the slave address. The first five bits (MSBs) of the slave address are
factory preset to 01011(0x5x). The next two bits of address byte are the device select bits which can be user-
defined by ADR pin in Table 4.
Table 4. I2 C Slave Address Configuration
ADR PIN Configuration
MSBs
User Define
LSB
4.7k
Ω to DVDD
0
1
0
1
1
0
0
R/W
15k
Ω to DVDD
0
1
0
1
1
0
1
R/W
47k
Ω to DVDD
0
1
0
1
1
1
0
R/W
120k
Ω to DVDD
0
1
0
1
1
1
1
R/W
9.5.2.1 Random Write
As shown in Figure 64, a single-byte data-write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction of
the data transfer. For a write data transfer, the read/write bit is a 0. After receiving the correct I2C device address
and the read/write bit, the device responds with an acknowledge bit. Next, the master transmits the address byte
corresponding to the internal memory address being accessed. After receiving the address byte, the device
again responds with an acknowledge bit. Next, the master device transmits the data byte to be written to the
memory address being accessed. After receiving the data byte, the device again responds with an acknowledge
bit. Finally, the master device transmits a stop condition to complete the single-byte data-write transfer.
Figure 64. Random Write Transfer
9.5.2.2 Sequential Write
A sequential data-write transfer is identical to a single-byte data-write transfer except that multiple data bytes are
transmitted by the master to the device as shown in Figure 65. After receiving each data byte, the device
responds with an acknowledge bit and the I2 subaddress is automatically incremented by one.
Figure 65. Sequential Write Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com