Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5805MPWPR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805MPWPR
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 68Page - Texas Instruments TAS5805MPWPR Datasheet HTML 69Page - Texas Instruments TAS5805MPWPR Datasheet HTML 70Page - Texas Instruments TAS5805MPWPR Datasheet HTML 71Page - Texas Instruments TAS5805MPWPR Datasheet HTML 72Page - Texas Instruments TAS5805MPWPR Datasheet HTML 73Page - Texas Instruments TAS5805MPWPR Datasheet HTML 74Page - Texas Instruments TAS5805MPWPR Datasheet HTML 75Page - Texas Instruments TAS5805MPWPR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 86 page
background image
Output Power (W)
0
10
20
30
40
50
60
70
80
90
100
0
60
40
30
20
D043
D156
PVDD = 5 V
PVDD = 7.4 V
PVDD = 12 V
PVDD = 18 V
PVDD = 24 V
Output Power (W)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.01
0.1
1
10
20
D007
PVCC=18V
TA=25qC
RL=4:
D152
f=20Hz
f=1kHz
f=10kHz
72
TAS5805M
SLASEH5A – MAY 2018 – REVISED JULY 2018
www.ti.com
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Table 52. Supporting Component Requirements for MONO (PBTL) system (With Inductor as output
filter) (continued)
REFERENCE
DESIGNATOR
VALUE
SIZE
DETAILED DESCRIPTION
C34
0.1uF
0603
CAP, CERM, 0.1 µF, 16 V, +/- 10%, X7R, 0603
C37,C39
1uF
0603
CAP, CERM, 1 µF, 16 V, +/- 10%, X5R, 0603
R7
4.70k
0402
RES, 4.70 k, 1%, 0.0625 W, 0402
R8
10.0k
0404
RES, 10.0 k, 1%, 0.063 W, 0402
C35,C38,C40,C41
0.22uF
0603
CAP, CERM, 0.22 µF, 50 V, +/- 10%, X7R, 0603
C32,C36
0.68uF
0805
CAP, CERM, 0.68 µF, 50 V, +/- 10%, X7R, 0805
L1,L2
4.7uH
Inductor, Shielded, 4.7 µH, 8.7 A
10.2.2.2 Detailed Design Procedure
For information about the Detailed Design Procedure, see the Detailed Design Procedures section.
10.2.2.3 Application Curves
Figure 120. Efficiency vs Output Power (Inductor as
Output Filter, Hybrid modulation, PBTL mode)
Figure 121. THD+N vs Output Power (Inductor as Output
Filter, Hybrid Modulation, PBTL mode)
10.2.3 Advanced 2.1 System (Two TAS5805M Devices)
In higher performance systems, the subwoofer output can be enhanced using digital audio processing as was
done in the high-frequency channels. To accomplish this, two TAS5805M devices are used - one for the high
frequency left and right speakers and one for the mono subwoofer speaker. In this system, the audio signal can
be sent from the TAS5805M device through the SDOUT pin. Alternatively, the subwoofer amplifier can accept
the same digital input as the stereo, which might come from a central systems processor. Figure 122 shows the
2.1 (Stereo BTL with Two TAS5805M devices) system application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com