Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD72-14IO1B Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCD72-14IO1B
Description  Thyristor Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD72-14IO1B Datasheet(HTML) 1 Page - IXYS Corporation

  MCD72-14IO1B Datasheet HTML 1Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 2Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 3Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 4Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 5Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCD72-14io1B
Phase leg
Thyristor \ Diode Module
3
1
2
5
4
Part number
MCD72-14io1B
Backside: isolated
TAV
T
V
V
1.34
RRM
85
1400
=
V
=
V
I
=
A
2x
Features / Advantages:
Applications:
Package:
●
Thyristor for line frequency
●
Planar passivated chip
●
Long-term stability
●
Direct Copper Bonded Al2O3-ceramic
●
Line rectifying 50/60 Hz
●
Softstart AC motor control
●
DC Motor control
●
Power converter
●
AC power control
●
Lighting and temperature control
TO-240AA
●
Industry standard outline
●
RoHS compliant
●
Soldering pins for PCB mounting
●
Base plate: DCB ceramic
●
Reduced weight
●
Advanced power cycling
●
Isolation Voltage:
V~
3600
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved


Similar Part No. - MCD72-14IO1B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD72-14IO1B IXYS-MCD72-14IO1B Datasheet
170Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results

Similar Description - MCD72-14IO1B

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDT-50H SEMPO-SMDT-50H Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-70I SEMPO-SMDT-70I Datasheet
50Kb / 1P
Diode-Thyristor Module
SMDT-90 SEMPO-SMDT-90 Datasheet
78Kb / 1P
Diode-Thyristor Module
SMDT-130 SEMPO-SMDT-130 Datasheet
454Kb / 1P
Diode-Thyristor Module
SMDT-130I SEMPO-SMDT-130I Datasheet
61Kb / 1P
Diode-Thyristor Module
SMDT-160H SEMPO-SMDT-160H Datasheet
45Kb / 1P
Diode-Thyristor Module
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
THYRISTOR-DIODE MODULE
SMTD-650I SEMPO-SMTD-650I Datasheet
81Kb / 1P
THYRISTOR-DIODE MODULE
SMDT-500H SEMPO-SMDT-500H Datasheet
347Kb / 1P
Diode-Thyristor Module
SMTD-60I SEMPO-SMTD-60I Datasheet
50Kb / 1P
THYRISTOR-DIODE MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com