Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCD72-14IO1B Datasheet(PDF) 6 Page - IXYS Corporation

Part # MCD72-14IO1B
Description  Thyristor Diode Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD72-14IO1B Datasheet(HTML) 6 Page - IXYS Corporation

  MCD72-14IO1B Datasheet HTML 1Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 2Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 3Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 4Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 5Page - IXYS Corporation MCD72-14IO1B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MCD72-14io1B
I
RMS [A]
P
tot
[W]
T
A [°C]
R
thJA
[KW]
0.03
0.06
0.08
0.1
0.15
0.25
0.3
0.5
Circuit
W3
3x MCC72 or
3x MCD72
1500
1000
500
0
0
50
100
150
200
250
0
50
100
150
Fig. 8 Three phase AC-controller: Power dissipation versus RMS output current
and ambient temperature
Fig. 9 Transient thermal impedance junction to case (per thyristor)
0.4
0.3
0.1
0
10-3
10-2
10-1
100
101
102
103
0.2
30°
60°
120°
180°
DC
30°
60°
120°
180°
DC
Fig. 10 Transient thermal impedance junction to heatsink (per thyristor)
10-3
10-2
10-1
100
101
102
103
0.6
0.4
0.3
0.1
0
0.2
0.5
104
R
thJC for various conduction angles d:
DC
0.30
180°
0.31
120°
0.33
60°
0.35
30°
0.37
Constants for Z
thJC calculation:
1
0.008
0.0019
2
0.054
0.0470
3
0.238
0.3000
R
thJK for various conduction angles d:
DC
0.50
180°
0.51
120°
0.53
60°
0.55
30°
0.57
Constants for Z
thJK calculation:
1
0.008
0.0019
2
0.054
0.0470
3
0.238
0.3000
4
0.200
1.2500
Rectifier
IXYS reserves the right to change limits, conditions and dimensions.
20161222b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2016 IXYS all rights reserved



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com