Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV47722. Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV47722.
Description  High Side Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47722. Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV47722. Datasheet HTML 3Page - ON Semiconductor NCV47722. Datasheet HTML 4Page - ON Semiconductor NCV47722. Datasheet HTML 5Page - ON Semiconductor NCV47722. Datasheet HTML 6Page - ON Semiconductor NCV47722. Datasheet HTML 7Page - ON Semiconductor NCV47722. Datasheet HTML 8Page - ON Semiconductor NCV47722. Datasheet HTML 9Page - ON Semiconductor NCV47722. Datasheet HTML 10Page - ON Semiconductor NCV47722. Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCV47722
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 10. Quiescent Current vs. Output
Current (Low Load)
Figure 11. Quiescent Current vs. Output
Current (High Load)
Iout, OUTPUT CURRENT (mA)
Iout, OUTPUT CURRENT (mA)
20
15
10
5
0
0.4
0.5
0.6
0.7
0.8
0.9
1.0
300
250
200
350
150
100
50
0
0
2
6
8
10
14
16
20
Figure 12. Output Current to CSO Current
Ratio vs. Output Current
Iout, OUTPUT CURRENT (mA)
1000
100
10
250
260
270
275
290
295
300
310
255
265
280
285
305
4
12
18
TJ = 25°C
Vin = 13.5 V
TJ = 25°C
Vin = 13.5 V
TJ = 25°C
Vin = 13.5 V
DEFINITIONS
General
All measurements are performed using short pulse low
duty cycle techniques to maintain junction temperature as
close as possible to ambient temperature.
Input to Output Differential Voltage
The Input to Output Differential Voltage parameter is
defined for specific output current values and specified over
Temperature range.
Quiescent and Disable Currents
Quiescent Current (Iq) is the difference between the input
current (measured through the LDO input pin) and the
output load current. If Enable pin is set to LOW the regulator
reduces its internal bias and shuts off the output, this term is
called the disable current (IDIS).
Current Limit
Current Limit is value of output current by which output
voltage drops below 90% of its nominal value.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 175
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The power dissipation level is maximum allowed power
dissipation for particular package or power dissipation at
which the junction temperature reaches its maximum
operating value, whichever is lower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com