Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCV47722. Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCV47722.
Description  High Side Switch with Adjustable Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47722. Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCV47722. Datasheet HTML 6Page - ON Semiconductor NCV47722. Datasheet HTML 7Page - ON Semiconductor NCV47722. Datasheet HTML 8Page - ON Semiconductor NCV47722. Datasheet HTML 9Page - ON Semiconductor NCV47722. Datasheet HTML 10Page - ON Semiconductor NCV47722. Datasheet HTML 11Page - ON Semiconductor NCV47722. Datasheet HTML 12Page - ON Semiconductor NCV47722. Datasheet HTML 13Page - ON Semiconductor NCV47722. Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
NCV47722
www.onsemi.com
13
PACKAGE DIMENSIONS
SOIC−8 EP
CASE 751AC
ISSUE B
(In Development)
H
C
0.10
D
E1
A
D
PIN ONE
2 X
8 X
SEATING
PLANE
EXPOSED
GAUGE
PLANE
14
5
8
D
C
0.10
A-B
2 X
E
B
e
C
0.10
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
DETAIL A
END VIEW
SECTION A−A
8 X
b
A-B
0.25
D
C
C
C
0.10
C
0.20
A
A2
G
F
1
4
58
NOTES:
1. DIMENSIONS AND TOLERANCING PER
ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS (ANGLES
IN DEGREES).
3. DIMENSION b DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE
0.08 MM TOTAL IN EXCESS OF THE “b”
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
4. DATUMS A AND B TO BE DETERMINED
AT DATUM PLANE H.
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.00
0.10
A2
1.35
1.65
b
0.31
0.51
b1
0.28
0.48
c
0.17
0.25
c1
0.17
0.23
D
4.90 BSC
E
6.00 BSC
e
1.27 BSC
L
0.40
1.27
L1
1.04 REF
F
2.24
3.20
G
1.55
2.51
h
0.25
0.50
q
0
8
h
AA
DETAIL A
(b)
b1
c
c1
0.25
L
(L1)
q
PAD
E1
3.90 BSC
_
_
A1
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
LOCATION
Exposed
Pad
1.52
0.060
2.03
0.08
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
7.0
0.275
2.72
0.107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com