Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFMB100W12 Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # PCFMB100W12
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PCFMB100W12 Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  PCFMB100W12 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PCFMB100W12 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PCFMB100W12 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PCFMB100W12 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Module
at Tj=25
unless otherwise specified
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Emitter Cut-Off Current
ICES
= 1200V,
= 0V
Gate-Emitter Lea ka ge Current
IGES
= ±20V,
= 0V
Collector-Emitter Saturation Voltage
VCE(sat.)
= 100A,V
= 15V
(chip level)
Tj=25
Tj=125
Tj=150
ate-Emitter Threshold Voltage
VGE(th.)
= 10V, = 3.3mA
I np ut
C ap ac i t a n ce
Cies
= 25V,
= 0V, = 1MH
O ut p ut
C ap a ci t a n ce
Coes
Reverse Transfer Capacitance
es
Gate
Char
g
e
Qg
Vcc=600V, Ic=100A, VGE=-15
+15V
Switching Time
Rise
Tim e
tr
VCC=
IC=
RG=
VGE=
Tj=
600V
Ls=38nH
100A
Inductive Load
7.5
±15V
150
urn-on Delay Time
td(on)
all
Tim e
tf
Turn-off Delay Time
td(off)
Peak
F orward
Volta ge
F
= 100A,VGE=0V
(chip level)
Tj=25
Tj=125
Tj=150
Reverse
Recovery
Time
VCC=
IC=
RG=
VGE=
Tj=
600V
Ls=38nH
100A
Inductive Load
7.5
±15V
150
I nt er na l
Lea d
Re si st anc e
RCC’+EE’
1
Main Terminal - Chip / Per 1 Arm
Stray
Inductance
LSCE
Main Terminal
- Main Terminal
H
.
.
.
Thermal
R esi s tan c e
th(j-c)
Junct ion t o C a s e
Per 1 Arm
(Tc
Thermal
R esi s tan c e
Rth(c-f)
Cas e t o heat s i nk
Per 1 Arm
Paste=1W/(m
)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com