Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCFMB100W12 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # PCFMB100W12
Description  IGBT Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

PCFMB100W12 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  PCFMB100W12 Datasheet HTML 1Page - Kyocera Kinseki Corpotation PCFMB100W12 Datasheet HTML 2Page - Kyocera Kinseki Corpotation PCFMB100W12 Datasheet HTML 3Page - Kyocera Kinseki Corpotation PCFMB100W12 Datasheet HTML 4Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Module
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
18
20
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Loss
EOFF
EON
VCC=600V
RG=7.5
VGE=±15V
Tj=125°C
Tj=150°C
Inductive Load
ERR
3
10
30
100
0.3
1
3
10
30
100
300
Series Gate Impedance RG (
)
Fig.8- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=600V
IC=100A
VGE=±15V
Tj=125°C
Tj=150°C
Inductive Load
ERR
0
20
40
60
80
100
2
5
10
20
50
100
200
500
1000
Forward Current IF (A)
Fig.10- Reverse Recovery Characteristics
of FWD & Inverse Diode (Typical)
IRrM
trr
VCC=600V, VGE=±15V, RG=7.5
Tj=125°C
Tj=150°C
0
200
400
600
800
1000
1200
1400
1600
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.11- Reverse Bias Safe Operating Area
RG=7.5
, VGE=±15V, Tj<150°C (Chip level)
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
1
1x10
-3
3x10
-3
1x10
-2
3x10
-2
1x10
-1
3x10
-1
1
3
Time t (s)
Fig.12- Transient Thermal Impedance
TC=25°C
1 Shot Pulse
FWD & Inverse Diode
IGBT
0
1
2
3
4
0
20
40
60
80
100
120
140
160
180
200
Forward Voltage V F (V)
Fig.9- Forward Characteristics of FWD (Typical)
Tj=25°C
Tj=125°C
Tj=150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com