Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8468WBKSZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8468WBKSZ-R7
Description  Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8468WBKSZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8468WBKSZ-R7 Datasheet HTML 1Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 2Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 3Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 4Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 5Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 6Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 7Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 8Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
AD8468
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD8468
TOP VIEW
(Not to Scale)
Q 1
VCC
6
GND 2
SDN
5
VP 3
VN
4
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN.
2
GND
Ground.
3
VP
Noninverting Analog Input.
4
VN
Inverting Analog Input.
5
SDN
Shutdown. Drive this pin low to shut down the device.
6
VCC
VCC Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com