Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8468WBKSZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8468WBKSZ-R7
Description  Rail-to-Rail, Fast, Low Power Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8468WBKSZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8468WBKSZ-R7 Datasheet HTML 4Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 5Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 6Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 7Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 8Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 9Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 10Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 11Page - Analog Devices AD8468WBKSZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8468
Data Sheet
Rev. A | Page 10 of 12
OUTLINE DIMENSIONS
1.30 BSC
COMPLIANT TO JEDEC STANDARDS MO-203-AB
1.00
0.90
0.70
0.46
0.36
0.26
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 MAX
1.10
0.80
0.40
0.10
0.22
0.08
3
1
2
4
6
5
0.65 BSC
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 14. 6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8468WBKSZ-R7
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
Y3F
AD8468WBKSZ-RL
−40°C to +125°C
6-Lead Thin Shrink Small Outline Transistor Package [SC70]
KS-6
Y3F
1
Z = RoHS Compliant Part.
AUTOMOTIVE PRODUCTS
The AD8468WBKSZ models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these automotive models may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for
use in automotive applications. Contact your local Analog Devices account representative for specific product ordering information and
to obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com