Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP396 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP396
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP396 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP396 Datasheet HTML 2Page - Analog Devices ADCMP396 Datasheet HTML 3Page - Analog Devices ADCMP396 Datasheet HTML 4Page - Analog Devices ADCMP396 Datasheet HTML 5Page - Analog Devices ADCMP396 Datasheet HTML 6Page - Analog Devices ADCMP396 Datasheet HTML 7Page - Analog Devices ADCMP396 Datasheet HTML 8Page - Analog Devices ADCMP396 Datasheet HTML 9Page - Analog Devices ADCMP396 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADCMP394/ADCMP395/ADCMP396
Data Sheet
Rev. B | Page 6 of 18
Figure 6. ADCMP396 Pin Configuration
Table 6. ADCMP396 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUTB
Comparator B Output, Open Drain.
2
OUTA
Comparator A Output, Open Drain.
3
VCC
Device Supply Input.
4
INA−
Comparator A Inverting Input.
5
INA+
Comparator A Noninverting Input.
6
INB−
Comparator B Inverting Input.
7
INB+
Comparator B Noninverting Input.
8
NIC
Not Internally Connected.
9
REF
Reference Output. This pin can be used to set up the comparator threshold.
10
INC−
Comparator C Inverting Input.
11
INC+
Comparator C Noninverting Input.
12
IND−
Comparator D Inverting Input.
13
IND+
Comparator D Noninverting Input.
14
GND
Device Ground.
15
OUTD
Comparator D Output, Open Drain.
16
OUTC
Comparator C Output, Open Drain.
OUTB 1
OUTA 2
VCC 3
INA– 4
OUTC
16
OUTD
15
GND
14
IND+
13
INA+ 5
IND–
12
INB– 6
INC+
11
INB+ 7
INC–
10
NIC 8
REF
9
ADCMP396
TOP VIEW
(Not to Scale)
NIC = NOT INTERNALLY CONNECTED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com