Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP396 Datasheet(PDF) 12 Page - Analog Devices

Part # ADCMP396
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP396 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADCMP396 Datasheet HTML 8Page - Analog Devices ADCMP396 Datasheet HTML 9Page - Analog Devices ADCMP396 Datasheet HTML 10Page - Analog Devices ADCMP396 Datasheet HTML 11Page - Analog Devices ADCMP396 Datasheet HTML 12Page - Analog Devices ADCMP396 Datasheet HTML 13Page - Analog Devices ADCMP396 Datasheet HTML 14Page - Analog Devices ADCMP396 Datasheet HTML 15Page - Analog Devices ADCMP396 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ADCMP394/ADCMP395/ADCMP396
Data Sheet
Rev. B | Page 12 of 18
TYPICAL APPLICATIONS
ADDING HYSTERESIS
To add hysteresis, see Figure 33; two resistors are used to create
different switching thresholds, depending on whether the input
signal is increasing or decreasing in magnitude. When the input
voltage increases, the threshold is above VREF, and when the
input voltage decreases, the threshold is below VREF.
Figure 33. Noninverting Comparator Configuration with Hysteresis
The upper input threshold level is given by
R2
R2
R1
V
V
REF
IN_HI
)
(
(2)
Assuming RLOAD >> R2, RPULLUP.
The lower input threshold level is given by

PULLUP
CC
PULLUP
REF
LO
IN
R
R2
R1
V
R
R2
R1
V
V
_
(3)
The hysteresis is the difference between these voltages levels.
)
(
UP
PULL
CC
UP
PULL
REF
HYS
R
R2
R2
R2
R1
V
R
R1
V
V
)
(
)
(
(4)
WINDOW COMPARATOR FOR POSITIVE VOLTAGE
MONITORING
When monitoring a positive supply, the desired nominal
operating voltage for monitoring is denoted by VM, IM is the
nominal current through the resistor divider, VOV is the
overvoltage trip point, and VUV is the undervoltage trip point.
Figure 34. Positive Undervoltage/Overvoltage Monitoring Configuration
Figure 34 illustrates the positive voltage monitoring input
connection. Three external resistors, RX, RY, and RZ, divide the
positive voltage for monitoring, VM, into the high-side voltage,
VPH, and the low-side voltage, VPL. The high-side voltage is
connected to the INA+ pin and the low-side voltage is
connected to the INB− pin.
To trigger an overvoltage condition, the low-side voltage (in
this case, VPL) must exceed the VREF threshold on the INB+ pin.
Calculate the low-side voltage, VPL, by the following:


Z
Y
X
Z
OV
REF
PL
R
R
R
R
V
V
V
(5)
In addition,
RX + RY + RZ = VM/IM
(6)
Therefore, RZ, which sets the desired trip point for the
overvoltage monitor, is calculated as
 

M
OV
M
REF
Z
I
V
V
V
R 
(7)
To trigger the undervoltage condition, the high-side voltage,
VPH, must be less than the VREF threshold on the INA− pin. The
high-side voltage, VPH, is calculated by


Z
Y
X
Z
Y
UV
REF
PH
R
R
R
R
R
V
V
V
(8)
Because RZ is already known, RY can be expressed as
 
 Z
M
UV
M
REF
Y
R
I
V
V
V
R
(9)
When RY and RZ are known, RX can be calculated by
RX = (VM/IM) – RY − RZ
(10)
If VM, IM, VOV, or VUV changes, each step must be recalculated.
OUTx
INx–
INx+
VREF = 2.5V
VIN
VCC = 5V
R1
RLOAD
RPULL-UP
R2
VOUT
VIN
VIN_LOW VIN_HIGH
OUTA
INA+
INA–
REF
OUTB
INB+
INB–
VM
RZ
RY
RX
VPL
VPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com