Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP395ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP395ARMZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP395ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP395ARMZ Datasheet HTML 6Page - Analog Devices ADCMP395ARMZ Datasheet HTML 7Page - Analog Devices ADCMP395ARMZ Datasheet HTML 8Page - Analog Devices ADCMP395ARMZ Datasheet HTML 9Page - Analog Devices ADCMP395ARMZ Datasheet HTML 10Page - Analog Devices ADCMP395ARMZ Datasheet HTML 11Page - Analog Devices ADCMP395ARMZ Datasheet HTML 12Page - Analog Devices ADCMP395ARMZ Datasheet HTML 13Page - Analog Devices ADCMP395ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADCMP394/ADCMP395/ADCMP396
Data Sheet
Rev. B | Page 10 of 18
Figure 25. Reference Voltage (VREF) vs. Source Current (ISOURCE) of the REF Pin,
VCC = 3.3 V
Figure 26. Reference Voltage (VREF) vs. Temperature, VCC = 3.3 V
Figure 27. Output Voltage (VOUT) Low vs. Sink Current (ISINK) for
Various Supply Voltages
Figure 28. Reference Voltage (VREF) vs. Sink Current (ISINK) of the REF Pin,
VCC = 3.3 V
Figure 29. Reference Voltage (VREF) vs. Supply Voltage (VCC)
Figure 30. Output Voltage (VOUT) Low vs. Sink Current (ISINK), VCC = 0.9 V
1.008
0.994
0.996
0.998
1.000
1.002
1.004
1.006
0.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
ISOURCE (mA)
1.010
1.008
1.006
1.004
0.990
0.992
0.994
0.996
0.998
1.000
1.002
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
700
0
100
200
300
400
500
600
012
345678
9
10
ISINK (mA)
VCC = 2.3V
VCC = 3.3V
VCC = 5.5V
1.008
0.994
0.996
0.998
1.000
1.002
1.004
1.006
0.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
ISINK (mA)
1.010
1.008
1.006
1.004
0.990
0.992
0.994
0.996
0.998
1.000
1.002
2.32.8
3.33.84.34.8
5.3
VCC (V)
16
14
0
2
4
6
8
10
12
0150
130
110
90
70
50
30
140
120
100
80
60
40
20
10
ISINK (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com