Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP395ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMP395ARMZ
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP395ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMP395ARMZ Datasheet HTML 10Page - Analog Devices ADCMP395ARMZ Datasheet HTML 11Page - Analog Devices ADCMP395ARMZ Datasheet HTML 12Page - Analog Devices ADCMP395ARMZ Datasheet HTML 13Page - Analog Devices ADCMP395ARMZ Datasheet HTML 14Page - Analog Devices ADCMP395ARMZ Datasheet HTML 15Page - Analog Devices ADCMP395ARMZ Datasheet HTML 16Page - Analog Devices ADCMP395ARMZ Datasheet HTML 17Page - Analog Devices ADCMP395ARMZ Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ADCMP394/ADCMP395/ADCMP396
Data Sheet
Rev. B | Page 14 of 18
Figure 38. Programmable Sequencing Control Circuit Timing Diagram
When the SEQ signal changes from low to high impedance, the
load capacitor, CL, starts to charge. The time it takes to charge the
load capacitor to the pull-up voltage (in this case, VREF or VCC) is the
maximum delay programmable in the circuit. It is recommended
to have the threshold within 10% to 90% of the pull-up voltage.
Calculate the maximum allowable delay by
tMAX = 2.2RPULLUPCLOAD
(17)
The delay of each output is changed by changing the threshold
voltage, V1 to V4, when the comparator changes its output state.
To calculate the voltage thresholds for the comparator, use the
following formulas:
L
PULLUP
1
C
R
t
REF
e
V
V1
1
(18)
L
PULLUPC
R
t
REF
e
V
V2
2
1
(19)
L
PULLUPC
R
t
REF
e
V
V3
3
1
(20)
L
PULLUP
4
C
R
t
REF
e
V
V4
1
(21)
The threshold voltages can come from a voltage reference or a
voltage divider circuit, as shown in Figure 36.
First, determine the allowable current, IDIV, flowing through the
resistor divider. After the value for IDIV is determined, calculate
R1, R2, R3, R4, and R5 using the following formulas:
R5
R4
R3
R2
R1
I
V
R
DIV
REF
DIV
(22)
REF
DIV
V
V1R
R1 
(23)
R1
V
V2R
R2
REF
DIV
(24)
R2
R1
V
V3R
R3
REF
DIV
(25)
R3
R2
R1
V
V4R
R
REF
DIV
4
(26)
R5 = RDIV − R1 − R2 − R3 − R4
(27)
To create a mirrored voltage sequence, add a resistor (RMIRROR)
between the pull-up resistor (RPULLUP) and the load capacitor
(CL) as shown in Figure 39.
Figure 39. Circuit Configuration for a Mirrored Voltage Sequencer
Figure 39 shows the circuit configuration for a mirrored voltage
sequencer. When SEQ changes from low to high impedance, the
response is similar to Figure 38. When SEQ changes from high
to low impedance, the load capacitor (CL) starts to discharge at
a rate set by RMIRROR. The delay of each comparator is dependent
on the threshold voltage previously set for t1 to t4. The result is a
mirrored power-down sequence.
SEQ
VCL
OUT4
OUT3
OUT2
OUT1
V1
V2
V3
V4
t4
t3
t2
t1
CL
OUT4
OUT3
OUT2
OUT1
R2
V2
R3
V3
R4
V4
R5
R1
V1
RPULL-UP
VREF/VCC
U1
U2
INA+
INA–
INB+
INB–
INA+
INA–
INB+
INB–
SEQ
RMIRROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com