Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP393ARZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP393ARZ
Description  Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP393ARZ Datasheet(HTML) 1 Page - Analog Devices

  ADCMP393ARZ Datasheet HTML 1Page - Analog Devices ADCMP393ARZ Datasheet HTML 2Page - Analog Devices ADCMP393ARZ Datasheet HTML 3Page - Analog Devices ADCMP393ARZ Datasheet HTML 4Page - Analog Devices ADCMP393ARZ Datasheet HTML 5Page - Analog Devices ADCMP393ARZ Datasheet HTML 6Page - Analog Devices ADCMP393ARZ Datasheet HTML 7Page - Analog Devices ADCMP393ARZ Datasheet HTML 8Page - Analog Devices ADCMP393ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Single/Dual/Quad Comparators
With Known Power-Up State
Data Sheet
ADCMP391/ADCMP392/ADCMP393
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-supply voltage operation: 2.3 V to 5.5 V
Rail-to-rail common-mode input voltage range
Low input offset voltage across VCMR: 1 mV typical
Guarantees comparator output logic low from VCC = 0.9 V to
undervoltage lockout (UVLO)
Operating temperature range: −40°C to +125°C
Package types:
8-lead, narrow body SOIC (ADCMP391/ADCMP392)
14-lead, narrow body SOIC (ADCMP393)
14-lead TSSOP (ADCMP393)
APPLICATIONS
Battery management/monitoring
Power supply detection
Window comparators
Threshold detectors/discriminators
Microprocessor systems
GENERAL DESCRIPTION
The ADCMP391/ADCMP392/ADCMP393 are
single/dual/quad rail-to-rail input, low power comparators ideal
for use in general-purpose applications. These comparators
operate from a single supply voltage of 2.3 V to 5.5 V and draw
a minimal amount of current. The single ADCMP391
consumes only 18.6 µA of supply current. The dual ADCMP392
and the quad ADCMP393 consumes 22.1 µA and 26.8 µA of
supply current, respectively. The low voltage and low current
operation of these devices makes it ideal for battery-powered
systems.
The comparators features a common-mode input voltage range
of 200 mV beyond rails, an offset voltage of 1 mV typical across
the full common-mode range, and a UVLO monitor. In addition,
the design of the comparators allows a defined output state
upon power-up, a logic low output while the supply voltage is
less than the UVLO threshold.
The ADCMP391 and ADCMP392 are available in 8-lead,
narrow body SOIC package while the ADCMP393 is available
in a 14-lead, narrow body SOIC package and a 14-lead TSSOP
package. The comparators are specified to operate over the
−40°C to +125°C extended temperature range.
FUNCTIONAL BLOCK DIAGRAMS
OUT
IN+
IN–
GND
VCC
ADCMP391
Figure 1.
OUTA
INA+
INA–
OUTB
INB+
INB–
GND
VCC
ADCMP392
Figure 2.
INA+
INA–
INB+
INB–
INC+
INC–
IND+
IND–
GND
VCC
ADCMP393
OUTA
OUTB
OUTC
OUTD
Figure 3.


Similar Part No. - ADCMP393ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
ADCMP394ARZ AD-ADCMP394ARZ Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
ADCMP394ARZ-RL7 AD-ADCMP394ARZ-RL7 Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
ADCMP395 AD-ADCMP395 Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
ADCMP395ARMZ AD-ADCMP395ARMZ Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
More results

Similar Description - ADCMP393ARZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
logo
National Semiconductor ...
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
MAGNITUDE COMPARATORS
logo
Analog Devices
AD96685 AD-AD96685_01 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
Quadruple Comparators
logo
Merrimac Industries, In...
PCM-3-10B MERRIMAC-PCM-3-10B Datasheet
93Kb / 1P
PHASE COMPARATORS
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
Quadruple Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
Single Comparators
August, 2012 ??Rev. 6
logo
Analog Devices
ADCMP394 AD-ADCMP394 Datasheet
409Kb / 18P
Comparators
5/16-Rev. A to Rev. B
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com