Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394 Datasheet (PDF) - Analog Devices

ADCMP394 Datasheet PDF - Analog Devices
Part # ADCMP394
Download  ADCMP394 Download
File Size   409.32 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Comparators

ADCMP394 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADCMP394 Datasheet PDF - Analog Devices

Part # ADCMP394
Download  ADCMP394 Click to download

File Size   409.32 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Comparators

ADCMP394 Datasheet (HTML) - Analog Devices


ADCMP394 Product details

GENERAL DESCRIPTION
The ADCMP394/ADCMP395/ADCMP396 are single/dual/quad rail-to-rail input, low power comparator ideal for use in general-purpose applications. These comparators operate from a supply voltage of 2.3 V to 5.5 V and draw a minimal amount of current. The single ADCMP394 consumes only 33.9 μA of supply current. The dual ADCMP395 and quad ADCMP396 consumes 37.2 μA and 41.6 μA of supply current respectively. The low voltage and low current operation of these devices makes it ideal for battery-powered systems.

FEATURES
   High accuracy reference output voltage: 1 V ± 0.9%
   Single-supply voltage operation: 2.3 V to 5.5 V
   Rail-to-rail common-mode input voltage range
   Low input offset voltage across VCMR: 1 mV typical
   Guarantees comparator output logic low from VCC = 0.9 V to
      undervoltage lockout (UVLO)
   Operating temperature range: −40°C to +125°C
   Package types:
      8-lead, narrow body SOIC (ADCMP394)
      10-lead MSOP (ADCMP395)
      16-lead, narrow body SOIC (ADCMP396)

APPLICATIONS
   Battery management/monitoring
   Power supply detection
   Window comparators
   Threshold detectors/discriminators
   Microprocessor systems




Similar Part No. - ADCMP394

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP391ARZ AD-ADCMP391ARZ Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP391ARZ-RL7 AD-ADCMP391ARZ-RL7 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP392 AD-ADCMP392 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP392ARZ AD-ADCMP392ARZ Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
More results


Similar Description - ADCMP394

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
logo
National Semiconductor ...
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
MAGNITUDE COMPARATORS
logo
Analog Devices
AD96685 AD-AD96685_01 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
Quadruple Comparators
logo
Merrimac Industries, In...
PCM-3-10B MERRIMAC-PCM-3-10B Datasheet
93Kb / 1P
PHASE COMPARATORS
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
Quadruple Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
Single Comparators
August, 2012 ??Rev. 6
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com