Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP394
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP394 Datasheet HTML 1Page - Analog Devices ADCMP394 Datasheet HTML 2Page - Analog Devices ADCMP394 Datasheet HTML 3Page - Analog Devices ADCMP394 Datasheet HTML 4Page - Analog Devices ADCMP394 Datasheet HTML 5Page - Analog Devices ADCMP394 Datasheet HTML 6Page - Analog Devices ADCMP394 Datasheet HTML 7Page - Analog Devices ADCMP394 Datasheet HTML 8Page - Analog Devices ADCMP394 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADCMP394/ADCMP395/ADCMP396
Data Sheet
Rev. B | Page 4 of 18
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC Pin
−0.3 V to +6 V
All INx+ and INx− Pins
−0.3 V to +6 V
All OUTx Pins
−0.3 V to +6 V
Reference Load Current, IREF
±1 mA
OUTx Pins Sink Current, ISINK
10 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Table 3. Thermal Resistance
Package Type
θJA
Unit
8-Lead Narrow-Body SOIC
121
°C/W
10-Lead MSOP
130
°C/W
16-Lead Narrow-Body SOIC
80
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com