Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394 Datasheet(PDF) 15 Page - Analog Devices

Part # ADCMP394
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADCMP394 Datasheet HTML 10Page - Analog Devices ADCMP394 Datasheet HTML 11Page - Analog Devices ADCMP394 Datasheet HTML 12Page - Analog Devices ADCMP394 Datasheet HTML 13Page - Analog Devices ADCMP394 Datasheet HTML 14Page - Analog Devices ADCMP394 Datasheet HTML 15Page - Analog Devices ADCMP394 Datasheet HTML 16Page - Analog Devices ADCMP394 Datasheet HTML 17Page - Analog Devices ADCMP394 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B | Page 15 of 18
Figure 40. Mirrored Voltage Sequencer Timing Diagram
The timing diagram for the mirrored voltage sequencer is
shown in Figure 40.
Equation 18 through Equation 21 must account for the additional
resistance, RMIRROR, in the calculations of the voltage thresholds.
To calculate these new thresholds, see Equation 28 through
Equation 31.

L
MIRROR
PULLUP
1
C
R
R
t
REF
e
V
V1
1
(28)

L
MIRROR
PULLUP
2
C
R
R
t
REF
e
V
V2
1
(29)

L
MIRROR
PULLUP
3
C
R
R
t
REF
e
V
V3
1
(30)

L
MIRROR
PULLUP
4
C
R
R
t
REF
e
V
V4
1
(31)
RMIRROR provides the mirrored delay by prolonging the discharge
time of the capacitor. The mirrored voltage sequencer uses the
same threshold in Equation 28 to Equation 31 in a decreasing
order. To calculate the exact value of the mirrored delay time,
see Equation 32 through Equation 35.


REF
L
MIRROR
5
V
V
C
R
t
4
ln
(32)


REF
L
MIRROR
6
V
V
C
R
t
3
ln
(33)


REF
L
MIRROR
7
V
V
C
R
t
2
ln
(34)


REF
L
MIRROR
8
V
V1
C
R
t
ln
(35)
MIRRORED VOLTAGE SEQUENCER EXAMPLE
To illustrate how the mirrored voltage sequencer works, see
Figure 37 and then consider a system that uses a VREF of 1 V and
requires a delay of 50 ms when SEQ changes from low to high
impedance, and between each regulator when turning on. These
considerations require a rise time of at least 200 ms for the pull-up
resistor (RPULLUP) and the load capacitor (CL). The sum of the
resistance of RMIRROR and RPULLUP must be large enough to charge the
capacitor longer than the minimum required delay. For a
symmetrical mirrored power-down sequence, the value of RMIRROR
must be much larger than RPULLUP. A 10 kΩ RPULLUP value limits the
pull-down current to 100 μA while giving a reasonable value for
RMIRROR. A typical 1 μF capacitor together with a 150 kΩ RMIRROR
value gives a value of
tMAX = 2.2((160 × 103) × (1 × 10−6)) = 351 ms
(36)
The threshold voltage required by each comparator is set by
Equation 28 to Equation 31. For example,
6
10
1
3
10
160
3
10
50
e
V
V1
REF 1
where V1 = 268.38 mV.
Therefore, V2 = 464.74 mV, V3 = 608.39 mV, and V4 =
713.5 mV.
Next, consider 10 μA as the maximum current (IDIV) flowing
through the resistor divider network. This current gives the total
resistance of the divider network (RDIV) and the individual
resistor values using Equation 22 to Equation 27, resulting in
the following:
RDIV = 100 kΩ
R1 = 26.84 kΩ ≈ 26.7 kΩ
R2 = 19.64 kΩ ≈ 19.6 kΩ
R3 = 14.37 kΩ ≈ 14.3 kΩ
R4 = 10.51 kΩ ≈ 10.5 kΩ
R5 = 28.65 kΩ ≈ 28.7 kΩ
SEQ
VCL
OUT4
OUT3
OUT2
OUT1
t4
t3
t2
t7
t8
t1
t5
t6
V1
V2
V3
V4
V4
V3
V2
V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com