Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP394
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP394 Datasheet HTML 1Page - Analog Devices ADCMP394 Datasheet HTML 2Page - Analog Devices ADCMP394 Datasheet HTML 3Page - Analog Devices ADCMP394 Datasheet HTML 4Page - Analog Devices ADCMP394 Datasheet HTML 5Page - Analog Devices ADCMP394 Datasheet HTML 6Page - Analog Devices ADCMP394 Datasheet HTML 7Page - Analog Devices ADCMP394 Datasheet HTML 8Page - Analog Devices ADCMP394 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Single/Dual/Quad Comparators with
Accurate Reference Output
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High accuracy reference output voltage: 1 V ± 0.9%
Single-supply voltage operation: 2.3 V to 5.5 V
Rail-to-rail common-mode input voltage range
Low input offset voltage across VCMR: 1 mV typical
Guarantees comparator output logic low from VCC = 0.9 V to
undervoltage lockout (UVLO)
Operating temperature range: −40°C to +125°C
Package types:
8-lead, narrow body SOIC (ADCMP394)
10-lead MSOP (ADCMP395)
16-lead, narrow body SOIC (ADCMP396)
APPLICATIONS
Battery management/monitoring
Power supply detection
Window comparators
Threshold detectors/discriminators
Microprocessor systems
GENERAL DESCRIPTION
The ADCMP394/ADCMP395/ADCMP396 are single/dual/quad
rail-to-rail input, low power comparator ideal for use in general-
purpose applications. These comparators operate from a supply
voltage of 2.3 V to 5.5 V and draw a minimal amount of
current. The single ADCMP394 consumes only 33.9 μA of
supply current. The dual ADCMP395 and quad ADCMP396
consumes 37.2 μA and 41.6 μA of supply current respectively.
The low voltage and low current operation of these devices
makes it ideal for battery-powered systems.
The comparators features a common-mode input voltage range
of 200 mV beyond rails, an offset voltage of 1 mV typical across
the full common-mode range, and a UVLO monitor. In addition,
the design of the comparator allows a defined output state upon
power-up. The comparator generates a logic low output if the
supply voltage is less than the UVLO threshold.
The ADCMP394/ADCMP395/ADCMP396 incorporates a 1 V ±
0.9% buffered reference voltage. The reference voltage output
can directly connect to the comparator input to serve as the trip
value for precise monitoring and detection of positive voltage. It
can also act as an offset when monitoring the negative voltage.
The ADCMP394 and ADCMP396 are available in 8-pin and 16-
lead, narrow body SOIC package, respectively. The ADCMP395
is available in a 10-lead MSOP package. The comparators are
specified to operate over the −40°C to +125°C extended
temperature range.
FUNCTIONAL BLOCK DIAGRAMS
Figure 1.
Figure 2.
Figure 3.
OUT
IN+
REF
REF
IN–
GND
VCC
ADCMP394
OUTA
INA+
INA–
OUTB
INB+
INB–
GND
VCC
ADCMP395
REF
REF
OUTA
INA+
REF
INA–
OUTB
INB+
INB–
OUTC
INC+
INC–
OUTD
IND+
IND–
REF
GND
VCC
ADCMP396


Similar Part No. - ADCMP394

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP391ARZ AD-ADCMP391ARZ Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP391ARZ-RL7 AD-ADCMP391ARZ-RL7 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP392 AD-ADCMP392 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
ADCMP392ARZ AD-ADCMP392ARZ Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
More results

Similar Description - ADCMP394

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
Quadruple Comparators
AN1393 PANASONIC-AN1393 Datasheet
29Kb / 3P
Dual Comparators
logo
National Semiconductor ...
DM7130 NSC-DM7130 Datasheet
57Kb / 2P
MAGNITUDE COMPARATORS
logo
Analog Devices
AD96685 AD-AD96685_01 Datasheet
100Kb / 8P
Ultrafast Comparators
REV. D
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
Quadruple Comparators
logo
Merrimac Industries, In...
PCM-3-10B MERRIMAC-PCM-3-10B Datasheet
93Kb / 1P
PHASE COMPARATORS
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
Quadruple Comparators
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
Single Comparators
August, 2012 ??Rev. 6
logo
Analog Devices
ADCMP391 AD-ADCMP391 Datasheet
375Kb / 17P
Comparators
4/16-Rev. C to Rev. D
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com