Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP394 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP394
Description  Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP394 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP394 Datasheet HTML 1Page - Analog Devices ADCMP394 Datasheet HTML 2Page - Analog Devices ADCMP394 Datasheet HTML 3Page - Analog Devices ADCMP394 Datasheet HTML 4Page - Analog Devices ADCMP394 Datasheet HTML 5Page - Analog Devices ADCMP394 Datasheet HTML 6Page - Analog Devices ADCMP394 Datasheet HTML 7Page - Analog Devices ADCMP394 Datasheet HTML 8Page - Analog Devices ADCMP394 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADCMP394/ADCMP395/ADCMP396
Rev. B | Page 3 of 18
SPECIFICATIONS
VCC = 2.3 V to 5.5 V, TA = −40°C to +125°C, VCMR = −200 mV to VCC + 200 mV, unless otherwise noted. Typical values are at TA = 25°C.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments1
POWER SUPPLY
Supply Voltage Range
VCC
2.3
5.5
V
0.9
UVLORISE
V
Guarantees comparator output low
VCC Quiescent Current
ICC
ADCMP394
33.9
47.9
µA
All outputs in high-Z state, VOD = 0.1 V
32.6
45.8
µA
All outputs low, VOD = 0.1 V
ADCMP395
37.2
51.9
µA
All outputs in high-Z state, VOD = 0.1 V
35.9
49.2
µA
All outputs low, VOD = 0.1 V
ADCMP396
41.6
59.4
µA
All outputs in high-Z state, VOD = 0.1 V
41.3
56.4
µA
All outputs low, VOD = 0.1 V
UNDERVOLTAGE LOCKOUT
VCC Rising
UVLORISE
2.062
2.162
2.262
V
Hysteresis
UVLOHYS
5
25
50
mV
REFERENCE OUTPUT
Reference Output Voltage
VREF
0.991
1
1.008
V
IREF = ±1 mA, TA = −40°C to +85°C
0.991
1
1.008
V
IREF = ±1 mA
COMPARATOR INPUT
Common-Mode Input Range
VCMR
−200
VCC + 200
mV
Input Offset Voltage
VOS
0.5
2.5
mV
IN+ = IN− = 1 V
0.5
2.5
mV
IN+ = IN− = 1 V, TA = −40°C to +85°C
1
5
mV
1
5
mV
TA = −40°C to +85°C
Input Offset Current
IOS
10
nA
VCMR = −50 mV to VCC + 50 mV
Input Bias Current
IBIAS
±30
nA
IN+ = IN− = 1 V
±80
nA
VCMR = −50 mV to VCC + 50 mV
±10
nA
VCMR = −50 mV to VCC + 50 mV, TA = −40°C to +85°C
Input Hysteresis
VHYST
3
4
mV
VCM = 1 V
6
8
mV
COMPARATOR OUTPUT
Output Low Voltage
VOL
0.1
0.3
V
VCC = 2.3 V, ISINK = 2.5 mA
0.01
0.15
V
VCC = 0.9 V, ISINK = 100 µA
Output Leakage Current
ILEAK
150
nA
VOUT = 0 V to 5.5 V
COMPARATOR CHARACTERISTICS
Power Supply Rejection Ratio
PSRR
60
80
dB
Common-Mode Rejection Ratio
CMRR
50
74
dB
Voltage Gain
AV
132
dB
Rise Time2
tR
1.1
µs
VOUT = 10% to 90% of VCC
Fall Time2
tF
0.15
µs
VOUT = 90% to 10% of VCC
Propagation Delay
Input Rising2
tPROP_R
4.7
µs
VCM = 1 V, VCC = 2.3 V, VOD = 10 mV
4.9
µs
VCM = 1 V, VCC = 5 V, VOD = 10 mV
2.8
µs
VCM = 1 V, VCC = 2.3 V, 100 mV overdrive
3.2
µs
VCM = 1 V, VCC = 5 V, 100 mV overdrive
ADCMP395 Channel B
4.9
µs
VCM = 1 V, VCC = 2.3 V, VOD = 10 mV
9.7
µs
VCM = 1 V, VCC = 5 V, VOD= 10 mV
Input Falling2
tPROP_F
4.5
µs
VCM = 1 V, VCC = 2.3 V, VOD = 10 mV
9.5
µs
VCM = 1 V, VCC = 5 V, VOD = 10 mV
2
µs
VCM = 1 V, VCC = 2.3 V, 100 mV overdrive
4.2
µs
VCM = 1 V, VCC = 5 V, 100 mV overdrive
ADCMP395 Channel B
4.7
µs
VCM = 1 V, VCC = 2.3 V, VOD = 10 mV
5
µs
VCM = 1 V, VCC = 5 V, VOD = 10 mV
1
VOD is overdrive voltage.
2
RPULL-UP = 10 kΩ, and CL = 50 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com