Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2H30F4 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # P2H30F4
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

P2H30F4 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  P2H30F4 Datasheet HTML 1Page - Kyocera Kinseki Corpotation P2H30F4 Datasheet HTML 2Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■回路図 CIRCUIT
42
31
1
2
3
4
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
400
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
─
V
P2H30F4
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=75℃
Half Sine Wave
30
A
実効順電流
*1
RMS Forward Current
IF
(RMS)
47
A
電流二乗時間積
*1
I Squared t
I
2t
2∼10ms
450
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
1.5(1.4)
N・m
1.5(1.4)
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=25℃,VRM=VRRM
50
μA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj=25℃,IFM=30A
1.33
V
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
1.53
℃/W
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間
(トータル)
,
サーマルコンパウンド塗布
Case to Fin, Total, Greased
0.3
℃/W
質量…約35g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
300
A
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2500
V
■電気的特性 Electrical Characteristics
M4
M4
逆回復時間
*1
Reverse Recovery Time
trr
Tj=25℃,IFM=10A,−di/dt=50A/μs
60
ns
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
FRD
30A Avg 400 Volts
P2H30F4


Similar Part No. - P2H30F4

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
P2H30F4 NIEC-P2H30F4 Datasheet
154Kb / 3P
FRD MODULE 30A/400V
logo
National Instruments Co...
P2H30F4 NI-P2H30F4_15 Datasheet
206Kb / 2P
30A Avg 400 Volts
More results

Similar Description - P2H30F4

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com