Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3302 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM3302 Datasheet HTML 9Page - Analog Devices SSM3302 Datasheet HTML 10Page - Analog Devices SSM3302 Datasheet HTML 11Page - Analog Devices SSM3302 Datasheet HTML 12Page - Analog Devices SSM3302 Datasheet HTML 13Page - Analog Devices SSM3302 Datasheet HTML 14Page - Analog Devices SSM3302 Datasheet HTML 15Page - Analog Devices SSM3302 Datasheet HTML 16Page - Analog Devices SSM3302 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
SSM3302
Rev. A | Page 13 of 20
Figure 33. PSRR vs. Frequency, VRIPPLE = 100 mV rms
Figure 34. Crosstalk vs. Frequency,
PO = 0.5 W, RL = 8 Ω
Figure 35. Turn-On Response
(Showing
A
SDNLE
A
Pin or
A
SDNRE
A
Pin Rising Edge and Output)
Figure 36. Turn-Off Response
(Showing
A
SDNLE
A
Pin or
A
SDNRE
A
Pin Falling Edge and Output)
0
–20
–10
–90
–80
–70
–60
–50
–40
–30
10
10k
1k
100
100k
FREQUENCY (Hz)
0
–20
–120
–100
–80
–60
–40
10
10k
1k
100
100k
FREQUENCY (Hz)
VDD = 5V
VA = 5V
VB = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com