Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3302 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM3302
Description  2 횞10 W Filterless Class-D Stereo Audio Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3302 Datasheet(HTML) 2 Page - Analog Devices

  SSM3302 Datasheet HTML 1Page - Analog Devices SSM3302 Datasheet HTML 2Page - Analog Devices SSM3302 Datasheet HTML 3Page - Analog Devices SSM3302 Datasheet HTML 4Page - Analog Devices SSM3302 Datasheet HTML 5Page - Analog Devices SSM3302 Datasheet HTML 6Page - Analog Devices SSM3302 Datasheet HTML 7Page - Analog Devices SSM3302 Datasheet HTML 8Page - Analog Devices SSM3302 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SSM3302
Data Sheet
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Functional Block Diagram .............................................................. 3
Specifications..................................................................................... 4
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Typical Application Circuits.......................................................... 14
Applications Information .............................................................. 16
Overview...................................................................................... 16
Analog Supply............................................................................. 16
Gain Selection............................................................................. 16
Amplifier Protection.................................................................. 16
Pop-and-Click Suppression ...................................................... 16
EMI Noise.................................................................................... 16
Mono Mode................................................................................. 16
Output Modulation Description .............................................. 17
Layout .......................................................................................... 17
Input Capacitor Selection.......................................................... 17
Bootstrap Capacitors.................................................................. 17
Power Supply Decoupling ......................................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
5/13—Rev. 0 to Rev. A
Changed Voltage Rating from 6.3 V to 35 V in Bootstrap
Capacitors Section............................................................................ 17
2/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com