Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582 Datasheet(PDF) 42 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 42 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 38Page - Analog Devices SSM3582 Datasheet HTML 39Page - Analog Devices SSM3582 Datasheet HTML 40Page - Analog Devices SSM3582 Datasheet HTML 41Page - Analog Devices SSM3582 Datasheet HTML 42Page - Analog Devices SSM3582 Datasheet HTML 43Page - Analog Devices SSM3582 Datasheet HTML 44Page - Analog Devices SSM3582 Datasheet HTML 45Page - Analog Devices SSM3582 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 42 of 59
Address: 0x06, Reset: 0x02, Name: DAC_CTRL
Hard volum e control
1: No volum e ram ping.
0: Soft volume ramping.
DAC sam ple rate select
101: 48kHz to 72 kHz.
100: 128kHz to 192 kHz.
11: 64kHz to 96 kHz.
10: 32kHz to 48 kHz.
1: 16kHz to 24 kHz.
0: 8kHz to 12 kHz.
DAC right channel m ute
1: Right channel muted.
0: Right channel unm uted.
DAC left channel m ute
1: Left channel m uted.
0: Left channel unm uted.
DAC high pas s filter
1: DAC high pass filter enabled.
0: DAC high pass filter dis abled.
0
0
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7] DAC_HV (R/W)
[2:0] DAC_FS (R/W)
[6] DAC_MUTE_R (R/W)
[3] RESERVED
[5] DAC_MUTE_L (R/W)
[4] DAC_HPF (R/W)
Table 30. Bit Descriptions for DAC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_HV
Hard Volume Control.
0x0
R/W
0
Soft Volume Ramping.
1
No Volume Ramping.
6
DAC_MUTE_R
DAC Right Channel Mute.
0x0
R/W
0
Right Channel Unmuted.
1
Right Channel Muted.
5
DAC_MUTE_L
DAC Left Channel Mute.
0x0
R/W
0
Left Channel Unmuted.
1
Left Channel Muted.
4
DAC_HPF
DAC High-Pass Filter.
0x0
R/W
0
DAC High-Pass Filter Disabled.
1
DAC High-Pass Filter Enabled.
3
RESERVED
Reserved.
0x0
R
[2:0]
DAC_FS
DAC Sample Rate Select.
0x2
R/W
0
8 kHz to 12 kHz.
1
16 kHz to 24 kHz.
10
32 kHz to 48 kHz.
11
64 kHz to 96 kHz.
100
128 kHz to 192 kHz.
101
48 kHz to 72 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com