Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM3582
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM3582 Datasheet HTML 9Page - Analog Devices SSM3582 Datasheet HTML 10Page - Analog Devices SSM3582 Datasheet HTML 11Page - Analog Devices SSM3582 Datasheet HTML 12Page - Analog Devices SSM3582 Datasheet HTML 13Page - Analog Devices SSM3582 Datasheet HTML 14Page - Analog Devices SSM3582 Datasheet HTML 15Page - Analog Devices SSM3582 Datasheet HTML 16Page - Analog Devices SSM3582 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Data Sheet
SSM3582
Rev. 0| Page 13 of 59
Pin No.
Mnemonic
Type1
Description
32
OUTL−
AOUT
Left Channel Inverting Output.
33
OUTL−
AOUT
Left Channel Inverting Output.
34
PVDD
PWR
Left Channel Power Stage Supply.
35
PVDD
PWR
Left Channel Power Stage Supply.
36
PVDD
PWR
Left Channel Power Stage Supply.
37
PVDD
PWR
Left Channel Power Stage Supply.
38
OUTL+
AOUT
Left Channel Noninverting Output.
39
OUTL+
AOUT
Left Channel Noninverting Output.
40
BSTL+
AIN
Bootstrap Input, Left Channel Noninverting.
EPAD
Exposed Pad. Use multiple vias to connect the exposed pad to the ground plane on the PCB.
1 PWR is power supply or ground pin, AIN is analog input, DIN is digital input, DIO is digital input/output, and AOUT is analog output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com