Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ Datasheet(PDF) 39 Page - Analog Devices

Part # SSM2518CPZ
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button SSM2518CPZ Datasheet HTML 35Page - Analog Devices SSM2518CPZ Datasheet HTML 36Page - Analog Devices SSM2518CPZ Datasheet HTML 37Page - Analog Devices SSM2518CPZ Datasheet HTML 38Page - Analog Devices SSM2518CPZ Datasheet HTML 39Page - Analog Devices SSM2518CPZ Datasheet HTML 40Page - Analog Devices SSM2518CPZ Datasheet HTML 41Page - Analog Devices SSM2518CPZ Datasheet HTML 42Page - Analog Devices SSM2518CPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
Datasheet
SSM2518
Rev. B | Page 39 of 48
Bits
Bit Name
Settings
Description
Reset
Access
[3:0]
DRC_CT
DRC Compressor Lower Threshold Setting. Relative to input.
0x7
RW
0000
−4 dB
0001
−6 dB
0010
−8 dB
0011
−10 dB
0100
−12 dB
0101
−14 dB
0110
−16 dB
0111
−18 dB
1000
−20 dB
1001
−22 dB
1010
−24 dB
1011
−26 dB
1100
−28 dB
1101
−30 dB
1110
−32 dB
1111
−34 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com