Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2518CPZ Datasheet(PDF) 44 Page - Analog Devices

Part # SSM2518CPZ
Description  Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2518CPZ Datasheet(HTML) 44 Page - Analog Devices

Back Button SSM2518CPZ Datasheet HTML 40Page - Analog Devices SSM2518CPZ Datasheet HTML 41Page - Analog Devices SSM2518CPZ Datasheet HTML 42Page - Analog Devices SSM2518CPZ Datasheet HTML 43Page - Analog Devices SSM2518CPZ Datasheet HTML 44Page - Analog Devices SSM2518CPZ Datasheet HTML 45Page - Analog Devices SSM2518CPZ Datasheet HTML 46Page - Analog Devices SSM2518CPZ Datasheet HTML 47Page - Analog Devices SSM2518CPZ Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
SSM2518
Datasheet
Rev. B | Page 44 of 48
DRC CONTROL 7 REGISTER
Address: 0x10, Reset: 0x26, Name: DRC_Control_7
Table 29. Bit Descriptions for DRC_Control_7
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
HDT_NOR
DRC Normal Operation Hold Time. Used to prevent the gain curve
calculation from increasing too quickly.
0x2
RW
0000
0 ms
0001
0.67 ms
0010
1.33 ms
0011
2.67 ms
0100
5.33 ms
0101
10.66 ms
0110
21.32 ms
0111
42.64 ms
1000
85.28 ms
1001
170.56 ms
1010
341.12 ms
1011
682.24 ms
1100
1.364 sec
1101
Reserved
1110
Reserved
1111
Reserved
[3:0]
HDT_NG
DRC Noise Gate Hold Time. Used to prevent the DRC from entering noise
gate too quickly.
0x6
RW
0000
0 ms
0001
0.67 ms
0010
1.33 ms
0011
2.67 ms
0100
5.33 ms
0101
10.66 ms
0110
21.32 ms
0111
42.64 ms
1000
85.28 ms
1001
170.56 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com