Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 28Page - Analog Devices SSM3582BCPZ Datasheet HTML 29Page - Analog Devices SSM3582BCPZ Datasheet HTML 30Page - Analog Devices SSM3582BCPZ Datasheet HTML 31Page - Analog Devices SSM3582BCPZ Datasheet HTML 32Page - Analog Devices SSM3582BCPZ Datasheet HTML 33Page - Analog Devices SSM3582BCPZ Datasheet HTML 34Page - Analog Devices SSM3582BCPZ Datasheet HTML 35Page - Analog Devices SSM3582BCPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 32 of 59
Table 20. Fault Reporting Registers
Fault Type
Flag Set Condition
Status Reported Register
PVDD Undervoltage (UV)
PVDD below <3.6 V
Register 0x18, Bit 7, UVLO_PVDD
5 V Regulator UV
5 V regulator voltage at AVDD < 3.6 V
Register 0x18, Bit 6, UVLO_VREG
Limiter/Gain Reduction Engage
Left channel limiter engaged
Register 0x19, Bit 3, LIM_EG_L
Right channel limiter engaged
Register 0x19, Bit 7, LIM_EG_R
Clipping, Left Channel
Left channel DAC clipping
Register 0x19, Bit 2, CLIP_L
Clipping, Right Channel
Right channel DAC clipping
Register 0x19, Bit 6, CLIP_R
Output Overcurrent (OC)
Left channel output current > 6 A peak
Register 0x19, Bit 1, AMP_OC_L
Right channel output current > 6 A peak
Register 0x19, Bit 5, AMP_OC_R
Die Overtemperature (OT)
Die temperature > 145°C
Register 0x18, Bit 1, OTF
Die Overtemperature Warning (OTW)
Die temperature > 117°C
Register 0x18, Bit 0, OTW
Battery Voltage > VBAT_INF_x
Battery voltage PVDD > VBAT_INF_L
Register 0x19, Bit 0, BAT_WARN_L
Battery voltage PVDD > VBAT_INF_R
Register 0x19, Bit 4, BAT_WARN_R
FAULTS AND LIMITER STATUS REPORTING
The SSM3582 offers comprehensive protections against the
faults at the outputs and reporting to help with system design.
The faults listed in Table 20 are reported using the status registers.
The faults listed in Table 20 are reported in Register 0x18 and
Register 0x19 and can be read via I2C by the microcontroller in
the system.
In the event of a fault occurrence, use Register 0x0B to control
how the device reacts to the faults.
Table 21. Register 0x16, Register 0x17, Fault Recovery
Fault Type
Flag Set Condition
Status Reported
Register
OTW
The amount of gain
reduction applied if there
is an OTW for left channel
Register 0x16,
Bits[1:0], OTW_
GAIN_L
The amount of gain
reduction applied if there
is an OTW for the right
channel
Register 0x16,
Bits[5:4], OTW_
GAIN_R
Manual
Recovery
Use to attempt manual
recovery in case of a fault
event
Register 0x17,
Bit 7, MRCV
Autorecovery
Attempts
When autorecovery from
faults is used, set the
number of attempts using
this bit
Register 0x17,
Bits[5:4], MAX_AR
UV
Recovery can be automatic
or manual
Register 0x17,
Bit 2, ARCV_UV
Die OT
Recovery can be automatic
or manual
Register 0x17,
Bit 1, ARCV_OT
OC
Recovery can be automatic
or manual
Register 0x17,
Bit 0, ARCV_OC
When the automatic recovery mode is set, the device attempts
to recover itself after the fault event and, in case the fault
persists, then the device sets the fault again. This process
repeats until the fault is resolved.
When the manual recovery mode is used, the device shuts down
and the recovery must be attempted using the system micro-
controller.
VBAT (PVDD) SENSING
The SSM3582 contains an 8-bit ADC that measures the voltage
of the battery voltage (VBAT/PVDD) supply. The battery voltage
information is stored in Register 0x1A as an 8-bit unsigned
format. The ADC input range is fixed internally at 3.8 V to
16.2 V. To convert the hexadecimal value to the voltage value,
use the following steps:
Convert the hexadecimal value to decimal. For example, if the
hexadecimal value is 0xA9, the decimal value is 169.
Calculate the voltage using the following equation:
Voltage = 3.8 V + 12.4 V × Decimal Value/255
With a decimal value of 169,
Voltage = 3.8 V + 12.4 V × 169/255 = 12.02 V
LIMITER AND BATTERY TRACKING THRESHOLD
CONTROL
The SSM3582 contains an output limiter that can be used to
limit the peak output voltage of the amplifier. The limiter works
on the rms and peak value of the signal. The limiter threshold,
slope, attack rate, and release rate are programmable using
Register 0x0E, Register 0x0F, and Register 0x10 for the left
channel and Register 0x11, Register 0x12, Register 0x13 for the
right channel. The limiter can be enabled or disabled using
LIM_EN_L, Bits[1:0] in Register 0x0E, Bits[1:0] for the left
channel and the LIM_EN_R bits, Bits[1:0] in Register 0x11, for
the right channel.
The threshold at which the output is limited is determined by
the LIM_THRES_L bits setting, Bits[7:3] in Register 0x0F for
the left channel, and the LIM_THRES_R bits setting, Bits[7:3]
in Register 0x12 for the right channel. When the ouput signal
level exceeds the set threshold level, the limiter activates and
limits the signal level to the set limit. Below the set threshold,
the output level is not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com