Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582BCPZ Datasheet(PDF) 48 Page - Analog Devices

Part # SSM3582BCPZ
Description  2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582BCPZ Datasheet(HTML) 48 Page - Analog Devices

Back Button SSM3582BCPZ Datasheet HTML 44Page - Analog Devices SSM3582BCPZ Datasheet HTML 45Page - Analog Devices SSM3582BCPZ Datasheet HTML 46Page - Analog Devices SSM3582BCPZ Datasheet HTML 47Page - Analog Devices SSM3582BCPZ Datasheet HTML 48Page - Analog Devices SSM3582BCPZ Datasheet HTML 49Page - Analog Devices SSM3582BCPZ Datasheet HTML 50Page - Analog Devices SSM3582BCPZ Datasheet HTML 51Page - Analog Devices SSM3582BCPZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
SSM3582
Data Sheet
Rev. 0| Page 48 of 59
Bits
Bit Name
Settings
Description
Reset
Access
21
7 V peak
22
6.5 V peak
23
6 V peak
24
5.5 V peak
25
5 V peak
26
4.5 V peak
27
4 V peak
28
3.5 V peak
29
3 V peak
30
2.5 V peak
31
2 V peak
2
RESERVED
Reserved
0x0
R
[1:0]
SLOPE_L
Left Limiter Threshold Reduction Slope
0x1
R/W
0
1:1 Threshold: VBAT Reduction
1
2:1 Threshold: VBAT Reduction
10
3:1 Threshold: VBAT Reduction
11
4:1 Threshold: VBAT Reduction
Address: 0x10, Reset: 0x22, Name: LIM_LEFT_CTRL3
Left limiter battery voltage inflection
point
0
0
1
1
2
0
3
0
4
0
5
1
6
0
7
0
[7:0] VBAT_INF_L (R/W)
Table 39. Bit Descriptions for LIM_LEFT_CTRL3
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VBAT_INF_L
Left Limiter Battery Voltage Inflection Point
0x22
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com