Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8HE-1C7T-RDC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8HE-1C7T-RDC12
Description  High-Current Micro ISO Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8HE-1C7T-RDC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8HE-1C7T-RDC12 Datasheet HTML 1Page - Omron Electronics LLC G8HE-1C7T-RDC12 Datasheet HTML 2Page - Omron Electronics LLC G8HE-1C7T-RDC12 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
G8HE Rev A
www.omronauto.com
Page 1 of 3
Copyright
 2006 Omron Automotive Electronics, Inc.
High-Current Micro ISO Automotive Relay G8HE
•
Available in both SPST and SPDT versions
•
Miniaturized package (reduced outer length and width)
•
Designed to meet all standard Mini ISO load requirements
•
L x W x H = 22.7 x 15.2 x 26.6 mm nominal
•
ISO footprint with 280-size coil terminals for insertion
error-proofing with standard Micro ISO product
•
Fully automated assembly
Available Types
Type
Description
G8HE-1A7T-R-DC12
High-Current Micro ISO SPST Plug-In with Resistor
G8HE-1C7T-R-DC12
High-Current Micro ISO SPDT Plug-In with Resistor
Contact Data
Typical Switching Current
Inrush 150A, Steady State 40A (N.O.) / Inrush 40A, Steady
State 20A (N.C.)
Max Switching Voltage
16V
Min. Carry / Switching Current
1A
Contact Material
Silver Tin Oxide (Cadmium Free)
Coil Ratings (at 20°C)
Type
Rated
Voltage
Coil
Resistance
±10%
Coil Resistance
w/ 680
Ω suppression
±10%
Nominal
Power
Consumption*
Pull in
Voltage
Dropout
Voltage
G8HE-1A7T-R-
DC12 /
G8HE-1C7T-R-
DC12
12VDC
84 - 124
Ω
75 - 105
Ω
1.6 W
< 8 V
> 1 V
* Power consumption includes suppression resistor. Power consumption will decrease without
coil suppression.
Typical Applications
Motor Load
Lamp Load
Resistive Load
Engine Cooling Fan
HVAC
Rear Defrost


Similar Part No. - G8HE-1C7T-RDC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8H OMRON-G8H Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8H-1A4T-R OMRON-G8H-1A4T-R Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8H-1A7T-GR OMRON-G8H-1A7T-GR Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8H-1C4T-R OMRON-G8H-1C4T-R Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8H-1C4T-R-DC12 OMRON-G8H-1C4T-R-DC12 Datasheet
247Kb / 8P
Micro ISO Automotive Relay G8H
More results

Similar Description - G8HE-1C7T-RDC12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN Datasheet
156Kb / 5P
Micro ISO Automotive Relay
logo
American Zettler, Inc.
AZ977 AZETTLER-AZ977 Datasheet
82Kb / 2P
20 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ988 AZETTLER-AZ988 Datasheet
164Kb / 3P
30 AMP MICRO-ISO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8H OMRON-G8H Datasheet
247Kb / 8P
Micro ISO Automotive Relay
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
Micro ISO Automotive Relay
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8H-1C4T-R-DC12 OMRON-G8H-1C4T-R-DC12 Datasheet
247Kb / 8P
Micro ISO Automotive Relay G8H
logo
Panasonic Semiconductor
ACV31012 PANASONIC-ACV31012_12 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY Headlights
ACR22 PANASONIC-ACR22 Datasheet
89Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com