Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8HE-1C7T-RDC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8HE-1C7T-RDC12
Description  High-Current Micro ISO Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8HE-1C7T-RDC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8HE-1C7T-RDC12 Datasheet HTML 1Page - Omron Electronics LLC G8HE-1C7T-RDC12 Datasheet HTML 2Page - Omron Electronics LLC G8HE-1C7T-RDC12 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G8HE Rev A
www.omronauto.com
Page 2 of 3
Copyright
 2006 Omron Automotive Electronics, Inc.
Characteristics
Max. Initial Contact Voltage Drop
50mV @ 10A / 5 mΩ
NO Activation Time
20 ms max. (6 ms typical) @ 13.5 V
NO Deactivation Time
20 ms max. (1.5 ms typical*) @ 13.5 V
Insulation resistance
20 M
Ω min (at 500 VDC)
Dielectric strength
1 mA max. leakage at 500 VAC (50 Hz) for 0.5 sec
between coil and contacts and between contacts.
Ambient Operating Temperature
-40°C to 125°C
Humidity
Up to 95%
Mechanical
1,000,000 operations min.
Service life
Electrical
100,000 operations min (load dependent).
Weight
19.9g
* Typical data includes coil suppression. Release times may decrease without coil suppression.
Characteristic Reference Data
Durability Data
Relay
Load Type
Current
Cycles Tested
80 A Inrush
N.O. Motor Load
33 A Steady State
300,000
3s on, 4s off
40 A Inrush
N.C. Motor Load
20A Steady State
300,000
3s on, 4s off
150 A Inrush
G8HE
N.O. Lamp Load
30 A Steady State
300,000
3s on, 4s off



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com