Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87383 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 17Page - National Semiconductor (TI) PC87383 Datasheet HTML 18Page - National Semiconductor (TI) PC87383 Datasheet HTML 19Page - National Semiconductor (TI) PC87383 Datasheet HTML 20Page - National Semiconductor (TI) PC87383 Datasheet HTML 21Page - National Semiconductor (TI) PC87383 Datasheet HTML 22Page - National Semiconductor (TI) PC87383 Datasheet HTML 23Page - National Semiconductor (TI) PC87383 Datasheet HTML 24Page - National Semiconductor (TI) PC87383 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
3.0 Device Architecture and Configuration (Continued)
Revision 1.1
21
www.national.com
3.2.3
Standard Configuration Register Definitions
In the registers below, any undefined bit is reserved. Unless otherwise noted, the following definitions also hold true:
q
All registers are read/write.
q
All reserved bits return 0 on reads, except where noted otherwise. To prevent unpredictable results, do not modify
these bits. Use read-modify-write to prevent the values of reserved bits from being changed during write.
q
Write-only registers must not use read-modify-write during updates.
Table 9. Standard General Configuration Registers
Index
Register Name
Description
07h
Logical Device
Number
This register selects the current logical device. See Table 8 for valid numbers. All
other values are reserved.
20h-2Fh
PC87383
Configuration
PC87383 configuration registers and ID registers.
Table 10. Logical Device Activate Register
Index
Register Name
Description
30h
Activate
Bits 7-1: Reserved.
Bit 0:
Logical device activation control; see Section 3.3 on page 25.
0: Disabled.
1: Enabled.
Table 11. I/O Space Configuration Registers
Index
Register Name
Description
60h
I/O Port Base
Address Bits 15-8
Descriptor 0
Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 0.
61h
I/O Port Base
Address Bits 7-0
Descriptor 0
Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com