Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87383 Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87383
Description  Legacy-Reduced SuperI/O with Fast Infrared Port, Serial Port, Parallel Port and GPIOs for Portable Applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87383 Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button PC87383 Datasheet HTML 45Page - National Semiconductor (TI) PC87383 Datasheet HTML 46Page - National Semiconductor (TI) PC87383 Datasheet HTML 47Page - National Semiconductor (TI) PC87383 Datasheet HTML 48Page - National Semiconductor (TI) PC87383 Datasheet HTML 49Page - National Semiconductor (TI) PC87383 Datasheet HTML 50Page - National Semiconductor (TI) PC87383 Datasheet HTML 51Page - National Semiconductor (TI) PC87383 Datasheet HTML 52Page - National Semiconductor (TI) PC87383 Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
6.0 Legacy Functional Blocks (Continued)
Revision 1.1
49
www.national.com
6.1
PARALLEL PORT
6.1.1
General Description
The Parallel Port supports all IEEE1284 standard communication modes:
q
Compatibility (known also as Standard or SPP)
q
Bi-directional (known also as PS/2)
q
FIFO
q
EPP (known also as Mode 4)
q
ECP (with an optional Extended ECP mode)
6.1.2
Parallel Port Register Map
The Parallel Port includes two groups of runtime registers, as follows:
• A group of 21 registers at first level offset, sharing 14 entries. Three of these registers (at offsets 403h, 404h and 405h)
are used only in Extended ECP mode.
• A group of four registers, used only in Extended ECP mode, accessed by a second level offset.
EPP and second level offset registers are available only when the base address is 8-byte aligned.
The desired mode is selected by the ECR runtime register (offset 402h). The selected mode determines which runtime reg-
isters and which address bits are used for the base address. See Tables 22 and 23 for a listing of all registers, their offset
addresses and the associated modes. All registers are VDD3 powered.
Table 22. Parallel Port Register Map for First Level Offset
Group
Offset Mnemonic
Register
Type
Mode(s)
Common
Set
000h
DATAR
Data
R/W
Standard, PS/2 and EPP
AFIFO
ECP Address FIFO
W
ECP
001h
DSR
Status
RO
All Modes
002h
DCR
Control
R/W
All Modes
EPP
Only1
1. These registers are not accessible when the base address is four-byte aligned (i.e. A2=1).
003h
ADDR
EPP Address
R/W
EPP
004h
DATA0
EPP Data Port 0
R/W
005h
DATA1
EPP Data Port 1
R/W
006h
DATA2
EPP Data Port 2
R/W
007h
DATA3
EPP Data Port 3
R/W
PP FIFO,
ECP,
Test and
Configuration
Set
400h
CFIFO
PP Data FIFO
W
PP FIFO
DFIFO
ECP Data FIFO
R/W
ECP
TFIFO
FIFO Test
R/W
FIFO Test
CNFGA
Configuration A
RO
Configuration
401h
CNFGB
Configuration B
RO
402h
ECR
Extended Control
R/W
All Modes
Extended
Set1, 2
2. These registers are extended to the register set as defined by MS standard. They are accessible only
when enabled by the chip Configuration.
403h
EIR
Extended Index
R/W
404h
EDR
Extended Data
R/W
405h
EAR
Extended Auxiliary Status
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com