Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN182245ASSC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245ASSC
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245ASSC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCAN182245ASSC Datasheet HTML 1Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 2Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 3Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 4Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 5Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 6Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 7Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 8Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLF11657
February 1996
SCAN182245A
Non-Inverting Transceiver with
25X Series Resistor Outputs
General Description
The SCAN182245A is a high performance BiCMOS bidirec-
tional line driver featuring separate data inputs organized
into dual 9-bit bytes with byte-oriented output enable and
direction control signals This device is compliant with
IEEE 11491 Standard Test Access Port and Boundary
Scan Architecture with the incorporation of the defined
boundary-scan test logic and test access port consisting of
Test Data Input (TDI) Test Data Out (TDO) Test Mode Se-
lect (TMS) and Test Clock (TCK)
Features
Y
High performance BiCMOS technology
Y
25X series resistors in outputs eliminate the need for
external terminating resistors
Y
Dual output enable control signals
Y
TRI-STATE
outputs for bus-oriented applications
Y
25 mil pitch SSOP (Shrink Small Outline Package)
Y
IEEE 11491 (JTAG) Compliant
Y
Includes CLAMP IDCODE and HIGHZ instructions
Y
Additional instructions SAMPLE-IN SAMPLE-OUT and
EXTEST-OUT
Y
Power Up TRI-STATE for hot insert
Y
Member of National’s SCAN Products
Connection Diagram
TLF11657 – 1
Pin Names
Description
A1(0–8)
Side A1 Inputs or TRI-STATE Outputs
B1(0–8)
Side B1 Inputs or TRI-STATE Outputs
A2(0–8)
Side A2 Inputs or TRI-STATE Outputs
B2(0–8)
Side B2 Inputs or TRI-STATE Outputs
G1 G2
Output Enable Pins (Active Low)
DIR1 DIR2
Direction of Data Flow Pins
Order Number
Description
SCAN182245ASSC
SSOP in Tubes
SCAN182245ASSCX
SSOP Tape and Reel
SCAN182245AFMQB
Flatpak Military
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - SCAN182245ASSC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SCAN182245ASSC FAIRCHILD-SCAN182245ASSC Datasheet
135Kb / 13P
Non-Inverting Transceiver with 25ohm Series Resistor Outputs
More results

Similar Description - SCAN182245ASSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
Non-Inverting Transceiver with TRI-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
Aug-2001
logo
Fairchild Semiconductor
SCAN182373A FAIRCHILD-SCAN182373A Datasheet
104Kb / 12P
Transparent Latch with 25ohm Series Resistor Outputs
SCAN182541A FAIRCHILD-SCAN182541A Datasheet
95Kb / 11P
Non-Inverting Line Driver with 25ohm Series Resistor Outputs
logo
Motorola, Inc
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
Fairchild Semiconductor
SCAN18245T FAIRCHILD-SCAN18245T Datasheet
98Kb / 11P
Non-Inverting Transceiver with 3-STATE Outputs
SCAN182245A FAIRCHILD-SCAN182245A Datasheet
135Kb / 13P
Non-Inverting Transceiver with 25ohm Series Resistor Outputs
logo
STMicroelectronics
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com