Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCAN182245ASSC Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN182245ASSC
Description  Non-Inverting Transceiver with 25OHM Series Resistor Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN182245ASSC Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button SCAN182245ASSC Datasheet HTML 9Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 10Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 11Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 12Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 13Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 14Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 15Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 16Page - National Semiconductor (TI) SCAN182245ASSC Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DC Electrical Characteristics (Continued)
Symbol
Parameter
VCC
Min
Typ
Max
Units
Conditions
IOS
Output Short-Circuit Current
Max
b
100
b
275
mA
VOUT e 00V
ICEX
Output HIGH Leakage Current
Max
50
m
AVOUT e VCC
IZZ
Bus Drainage Test
00
100
m
A
VOUT e 55V
All Others GND
ICCH
Power Supply Current
Max
250
m
AVOUT e VCC TDI TMS e VCC
Max
10
mA
VOUT e VCC TDI TMS e GND
ICCL
Power Supply Current
Max
65
mA
VOUT e LOW TDI TMS e VCC
Max
658
mA
VOUT e LOW TDI TMS e GND
ICCZ
Power Supply Current
Max
250
m
A
TDI TMS e VCC
Max
10
mA
TDI TMS e GND
ICCT
Additional ICC Input
All Other Inputs
Max
29
mA
VIN e VCC b 21V
TDI TMS inputs
Max
3
mA
VIN e VCC b 21V
ICCD
Dynamic ICC
No Load
Max
02
mA
Outputs Open
MHz
One Bit Toggling 50% Duty Cycle
AC Electrical Characteristics Normal Operation
Symbol
Parameter
VCC
(V)
Military
Commercial
Units
TA eb55 Cto a125 CTA eb40 Cto a85 C
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Typ
Max
tPLH
Propagation Delay
50
10
31
52
ns
tPHL
AtoB BtoA
1 5
4 4
6 5
tPLZ
Disable Time
50
15
48
86
ns
tPHZ
15
52
89
tPZL
Enable Time
50
15
55
91
ns
tPZH
15
46
82
Voltage Range 50V g05V
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com