Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6436 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6436
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6436 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6436 Datasheet HTML 3Page - STMicroelectronics STV6436 Datasheet HTML 4Page - STMicroelectronics STV6436 Datasheet HTML 5Page - STMicroelectronics STV6436 Datasheet HTML 6Page - STMicroelectronics STV6436 Datasheet HTML 7Page - STMicroelectronics STV6436 Datasheet HTML 8Page - STMicroelectronics STV6436 Datasheet HTML 9Page - STMicroelectronics STV6436 Datasheet HTML 10Page - STMicroelectronics STV6436 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
STV6436
Electrical Characteristics
2.3.1
Video Section (Y1, Y2 and CVBS Signals)
Test conditions: TAMB = 25°C, VCC =5 V; VCCB =5V; RGENERATOR =75 Ω, RLOUT =75 Ω for Y1
and CVBS outputs and RLOUT =150 Ω for Y2 output, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN
DC Input Level, Bottom Clamp input
Bottom level, Y1 and CVBS inputs
2
V
ICLAMP
Clamping Current, Bottom Clamp
input
at VDCIN - 400 mV
12
mA
ILEAK
Input Leakage Current, Bottom Clamp
input
VIN = VDCIN +1 V
110
µA
VDCIN_YSYNC DC Input Level
Y2 input, YCrCb mode, Black
Level
2.3
V
CIN
Input Capacitance
2
pF
VIN
Maximum Input Signal
VCCV = 5 V
1.5
VPP
DYN
Dynamic Output Signal
VCCV = 5 V
3
VPP
Y1F1
-1 dB Bandwidth (Flatness) of Y1 and
CVBS
1H signal
4.0
4.5
MHz
Y2F1
-1 dB Bandwidth (Flatness) of Y2
1H signal
4.0
4.5
MHz
Y1F3
-3 dB Bandwidth of Y1 and CVBS
1H signal
7
MHz
Y2F3
-3 dB Bandwidth of Y2
1H signal
7
MHz
Y1SBR
Stopband Rejection
27 MHz versus 100 kHz
- 40
dB
Y2SBR
Stopband Rejection
27 MHz versus 100 kHz
- 40
dB
Flatness
Spread of Gain in Video Bands
VIN = 1 VPP
Band = 15 kHz to 5 MHz for Y1, Y2
and CVBS
±0.5
dB
VCTo
Crosstalk Isolation of Y1 (or Y2 or
CVBS) from C and Cr Cb channels
VIN = 0.5 VPP at f = 3.58 MHz,
on either CIN_ENC or CRIN_ENC
or CBIN_ENC input, RLOAD =
150
55
dB
ROUT
Output Resistance
5
10
GY
Gain on Y1, Y2 and CVBS channels
VIN = 1 VPP at f = 1 MHz
5.566.5
dB
DCYOUT
DC Output Voltage (Y1 and Y2)
Video signal bottom sync pulse at
IC output pins
0.5
V
DCCVBSOUT DC Output Voltage (CVBS)
Video signal bottom sync pulse at
IC output pin
1.0
V
DPHI
Differential Phase
VIN = 1 VPP at f = 3.58 MHz
0.2
3
deg.
DG
Differential Gain
VIN = 1 VPP at f = 3.58 MHz
0.3
3
%
LNL
Luminance non-linearity
0.5
3
%
VSN7
Video S/N Ratio: Y1, C and CVBS
channels (7 MHz filter)
NTC-7 weighting 4.2 MHz
Lowpass
70
dB
Dtpd7
Group Delay Variation from Flatness
7 MHz filter
20
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com