Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6436 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV6436
Description  Filtered Video Buffers for STB and DVD Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6436 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV6436 Datasheet HTML 5Page - STMicroelectronics STV6436 Datasheet HTML 6Page - STMicroelectronics STV6436 Datasheet HTML 7Page - STMicroelectronics STV6436 Datasheet HTML 8Page - STMicroelectronics STV6436 Datasheet HTML 9Page - STMicroelectronics STV6436 Datasheet HTML 10Page - STMicroelectronics STV6436 Datasheet HTML 11Page - STMicroelectronics STV6436 Datasheet HTML 12Page - STMicroelectronics STV6436 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
STV6436
Electrical Characteristics
2.3.3
Cb/Cr Section
Test conditions: TAMB = 25°C, VCC =5 V; VCCB =5V; RGENERATOR =75 Ω and RLOUT =150 Ω,
unless otherwise specified.
2.3.4
Mute Section
Test conditions: TAMB = 25°C, VCC =5 V; VCCB =5V; RGENERATOR =75 Ω and RLOUT =75 Ω
unless otherwise specified.
Note: 1 When the MUTE pin is left open, its voltage is defined by an internal voltage divider performed by a
42 k
Ω resistor to Vcc and 18 kΩ resistor to GND.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDCIN_SYNC DC Input Level
Sync clamp input (Cr,Cb)
Sync signal on Y input
3.0
V
ICLAMP_SYN
C
Clamping Current, Sync clamp
Sync clamp input (Cr,Cb)
at VDCIN -400 mV
100
µA
CIN
Input Capacitance
2
pF
VIN
Max Input Signal
1
VPP
DYN
Dynamic Output Signal
2
VPP
DCCrCbOUT
DC Output Voltage
(Cr and Cb Outputs)
Black Level sync signal on Y2
input
1.5
V
PF1
-1 dB Bandwidth (Flatness)
4.0
4.5
MHz
PF3
-3 dB Bandwidth
7MHz
PSBR
Stopband Rejection
27 MHz versus 100 kHz
- 40
dB
Flatness
Spread of Gain in Video Bands
VIN = 1 VPP
Band = 15 kHz to 5 MHz
±0.5
dB
PCTo
Crosstalk Isolation of Cr or Cb from
Y1, Y2 and CVBS Channels
VIN = 1 VPP at f = 3.58 MHz,
on Y1 or Y2 or CVBS input,
RLOAD = 150Ω
55
dB
ROUT
Output Resistance
5
10
Ω
GP
Gain on Cr and Cb channels
VIN = 1 VPP at f = 1 MHz
5.566.5
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V00
MUTE Voltage for Y1/C/CVBS muted
and Y2/Cr/Cb muted
Pin MUTE to GND or logical 0
0
1.1
V
V01
MUTE Voltage for Y1/C/CVBS active
and Y2/Cr/Cb muted
Pin MUTE opened (not
connected) See Note 1.
1.3
1.7
V
V10
MUTE Voltage for Y1/C/CVBS muted
and Y2/Cr/Cb active
Pin MUTE connected by 22 k
Ω to
VCC or at 3.3V (IIN < 140 µA)
1.9
4
V
V11
MUTE Voltage for Y1/C/CVBS active
and Y2/Cr/Cb active
Pin MUTE to VCC (5V)
4.2
Vcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com